Electronic Components Datasheet Search
  English  ▼

X  

MHD Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MHD
Description  Snap-In Aluminim Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MHD Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MHD Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MHD Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
PCB Mounting
More compact electronic equipment
Lengths are all 20mm, Down size
Load life of 2,000 hours at 85oC
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
160V-250V: -40oC to +85oC
350V-400V: -25oC to +85oC
Rated Working Voltage
160 to 400VDC
Capacitance Tolerance
±20% (M)
Leakage Current
(20oC)
I≤0.02CV or 2mA, whichever is less (at 20OC after 5 minutes)
I= Leakage current (A) C= Nominal capacitance (F) V= Rated voltage (VDC)
Dissipation Factor
Tanδ (120Hz, 20oC)
160 to 250
350 to 400
Tanδ (120Hz,
20oC)
0.10
0.20
Low Temperature
Characteristics
Impedance ratio at 120 Hz
WV
160 to 250
350 to 450
Z -25OC/Z 20OC
4
8
Z -40OC/Z 20OC
12
-
Load Life
After applying rated working voltage for 2000 hours at 85oC and then being stabilized at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Dissipation
±200% of the initial specified value
Leakage current
The initial specified value
Shelf Life
After storage for 1000 hours at 85 oC with no voltage applied and then being stabilized at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±15% of the initial value
Dissipation
150% of the initial specified value
Leakage current
The initial specified value
PART NUMBERING SYSTEM
MHD
16
0V
222
M
22X25
Meritek Series
Voltage
Capacitance
CODE
222
562
153
473
F
2200
5600
15000
47000
Tolerance -
M= ±20%
Case size
(diameter X length, in mm)
DIMENSIONS
RIPPLE CURRENT COEFFICIENT
Frequency
Freq (Hz)
WV (V)
50
120
500
1K
10K
100K
160 to 250
0.82
1.0
1.20
1.37
1.45
1.50
350 to 400
0.82
1.0
1.18
1.23
1.35
1.40
Temperature
Temperature
≤ 45
oC
60
oC
70
oC
85
oC
Factor
1.45
1.30
1.15
1.00
MERITEK
nap- n luminum
lectrolytic apacitors
MHD Series
rev.7a


Similar Part No. - MHD

ManufacturerPart #DatasheetDescription
logo
MH Connectors, All Righ...
MHD MH-MHD Datasheet
902Kb / 1P
SUB-D CONNECTORS
logo
Cree, Inc
MHD-E CREE-MHD-E Datasheet
1Mb / 25P
Flexible 9?멫, 18?멫 or 36?멫 options
Rev 1H
MHD-G CREE-MHD-G Datasheet
1Mb / 21P
Flexible 18?멫 or 36?멫 options
Rev 1H
logo
Infinite Electronics In...
MHD-HD-0.5 L-COM-MHD-HD-0.5 Datasheet
74Kb / 1P
CA MINI HDMI M/HDMI M
9/21/11
MHD-HD-0.5 L-COM-MHD-HD-0.5 Datasheet
74Kb / 1P
CA MINI HDMI M/HDMI M
9/21/11
More results

Similar Description - MHD

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43508 EPCOS-B43508 Datasheet
1,022Kb / 17P
Aluminum electrolytic capacitors Snap-in capacitors
logo
TDK Electronics
B41231 TDK-B41231 Datasheet
373Kb / 24P
Aluminum electrolytic capacitors Snap-in capacitors
B41252 TDK-B41252 Datasheet
377Kb / 24P
Aluminum electrolytic capacitors Snap-in capacitors
B41505 TDK-B41505 Datasheet
352Kb / 17P
Aluminum electrolytic capacitors Snap-in capacitors
B43509 TDK-B43509 Datasheet
621Kb / 20P
Aluminum electrolytic capacitors Snap-in capacitors
logo
RUBYCON CORPORATION
FXC RUBYCON-FXC Datasheet
155Kb / 1P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
HFG RUBYCON-HFG Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
NXG RUBYCON-NXG Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
USH RUBYCON-USH_15 Datasheet
143Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
63MXG4700MEFCSN25X35 RUBYCON-63MXG4700MEFCSN25X35 Datasheet
198Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com