Electronic Components Datasheet Search
  English  ▼

X  

MHS Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MHS
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MHS Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MHS Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MHS Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MHS Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Freq (Hz)
WV (V)
50
120
500
1K
10K
100K
16 to 100
0.9
1.0
1.10
1.15
1.25
1.25
160 to 250
0.8
1.0
1.25
1.40
1.45
1.50
315 to 450
0.8
1.0
1.20
1.25
1.35
1.40
Temperature
Temperature
45oC
60oC
70oC
85oC
Factor
1.48
1.30
1.15
1.0
RIPPLE CURRENT COEFFICIENT
Frequency
MERITEK
Snap-In Aluminum
Electrolytic Capacitors
HS Series
PART NUMBERING SYSTEM
HS
16V
222
M 22X25
Meritek Series
Voltage
Capacitance
CODE
222
562
153
473
μF
2200
5600
15000
47000
Tolerance - M= ±20%
Case size (diameter X length, in mm)
FEATURES
•
85
oC standard
•
Ideal for switching power supplies
•
Low ESR, low dissipation
•
Load life of 2,000 hours at 85
oC
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
16V
to 250V: -40
o
C to + 8
5C
315V
to 450V: -25
o
C to +8
5C
Rated Working Voltage
16 to 450VDC
Capacitance Tolerance
±20% (M)
Leakage Current
(20
oC)
I 0.0
1CV + 10μA, whichever is less
(at 20
O
C after
3 minutes)
I= Leakage current (
μA) C= Nominal capacitance (μ F) V= Rated voltage (VDC)
Dissipation Factor
Tan
δ (120Hz, 20oC)
WV
16 to 25
35 to 50
63 to 100
160 to 250
315 to 450
47-2200 μF
-
0.2
0.15
0.1
0.2
2700-6800μF
0.30
0.25
0.2
-
-
8200μF
0.35
0.3
0.25
-
-
10000-33000μF
0.5
0.4
0.3
-
-
39000-47000μF
0.7
-
-
-
-
Low Temperature
Characteristics
Impedance ratio at 120Hz
WV
16
25 to 100
160 to 250
315 to 450
Z–25
O
C/ Z 20
O
C
43
3
6
Z -40
O
C/ Z 20
O
C
86
6
-
Load Life
After applying rated working voltage for 2000 hours at 85oC and then being stabilized
at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Dissipation Factor
≤ 200% of the initial specified value
Leakage current
≤ The initial specified value
Shelf Life
After storage for 1000 hours at 85oC with no voltage applied and then being stabilized
at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Dissipation Factor
≤ 150% of the initial specified value
Leakage current
≤ 200% of the initial specified value
DIMENSIONS
≤
Specifications are subject to change without notice.
rev.7a


Similar Part No. - MHS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
MHS LITTELFUSE-MHS Datasheet
305Kb / 4P
Multilayer High Speed Transient Voltage Surge Suppressor
logo
Copal Electronics
MHS COPAL-MHS Datasheet
839Kb / 6P
Hyper-miniature Slide Switches
logo
Tyco Electronics
MHS MACOM-MHS Datasheet
649Kb / 15P
Slide Switches, Low Profile, Instrumentation Grade
logo
Mean Well Enterprises C...
MHS012 MEANWELL-MHS012 Datasheet
57Kb / 1P
Mounting Accessories
MHS013 MEANWELL-MHS013 Datasheet
31Kb / 1P
Mounting Accessories
More results

Similar Description - MHS

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
USK RUBYCON-USK Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXH RUBYCON-VXH_15 Datasheet
149Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXK RUBYCON-VXK Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR_15 Datasheet
241Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com