Electronic Components Datasheet Search
  English  ▼

X  

AD7819 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7819
Description  2.7 V to 5.5 V, 200 kSPS 8-Bit Sampling ADC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7819 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7819 Datasheet HTML 3Page - Analog Devices AD7819 Datasheet HTML 4Page - Analog Devices AD7819 Datasheet HTML 5Page - Analog Devices AD7819 Datasheet HTML 6Page - Analog Devices AD7819 Datasheet HTML 7Page - Analog Devices AD7819 Datasheet HTML 8Page - Analog Devices AD7819 Datasheet HTML 9Page - Analog Devices AD7819 Datasheet HTML 10Page - Analog Devices AD7819 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
REV. A
AD7819
–9–
PARALLEL INTERFACE
The parallel interface of the AD7819 is eight bits wide. The out-
put data buffers are activated when both
CS and RD are logic
low. At this point the contents of the data register are placed on
the 8-bit data bus. Figure 15 shows the timing diagram for the par-
allel port. The Parallel Interface of the AD7819 is reset when
BUSY goes logic high. Care must be taken to ensure that a read
operation does not occur while BUSY is high. Data read from
the AD7819 while BUSY is high will be invalid. For optimum
performance the read operation should end at least 100 ns (t8)
prior to the falling edge of the next
CONVST.
8 MSBs
t1
t2
t3
tPOWER-UP
EXT
CONVST
INT
CONVST
BUSY
CS/RD
DB7–DB0
Figure 13. Mode 1 Operation
8 MSBs
t1
t3
EXT
CONVST
INT
CONVST
BUSY
CS/RD
DB7–DB0
tPOWER-UP
Figure 14. Mode 2 Operation
8 MSBs
CONVST
BUSY
CS
DB7–DB0
t2
t3
t1
t4
t6
t7
t5
t8
RD
Figure 15. Parallel Port Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com