Electronic Components Datasheet Search
  English  ▼

X  

MIH Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MIH
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MIH Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MIH Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MIH Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
MIH Series
(105°C,7mmL)
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
6.3
10
16
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.1
4x7
3
0.22
4x7
5
0.33
4x7
6
0.47
4x7
7
1.0
4x7
11
2.2
4x7
19
3.3
4x7
24
4.7
4x7
24
5x7
29
10
4x7
29
5x7
33
5x7
36
6.3x7
45
22
4x7
34
5x7
41
5x7
46
6.3x7
51
6.3x7
60
8x7
75
33
5x7
46
5x7
50
6.3x7
65
6.3x7
70
8x7
85
47
5x7
55
6.3x7
70
6.3x7
75
8x7
95
100
6.3x7
90
6.3x7
100
6.3x7
110
220
8x7
160
8x7
170
All blank voltage on sleeve marking is the same voltage as “” point to.
Case size
: DxL
(mm)
Max. ripple current
: mA(rms)
105
C 120Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com