Electronic Components Datasheet Search
  English  ▼

X  

MOTORRUN Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # MOTORRUN
Description  Capacitors for Electrical Apparatus
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MOTORRUN Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  MOTORRUN Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MOTORRUN Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION MOTORRUN Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION MOTORRUN Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION MOTORRUN Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
METALLIZED FILM CAPACITOR
MODEL
YG
YF
YF-P
YF-B
YC
Capacitance
Range
1
to 50
1
to 50
1
to 50
1
to 50
1
to 50
Capacitance
Tolerance
±5%, ±10%
±5%, ±10%
±5%, ±10%
±5%, ±10%
±5%, ±10%
Working Voltage
Rang
e
150
to 500VAC
150
to 500VAC
150
to 660VAC
150
to 500VAC
150
to 500VAC
Temperature
Range
-40
°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
Applications
AC
electrical
apparatus
AC
electrical
apparatus
AC
electrical
apparatus
AC
electrical
apparatus
AC
electrical
apparatus
Certification
MERITEK
Capacitors for Electrical
Apparatus
MOTOR RUN/MOTOR START
METALLIZED FILM CAPACITOR
MODEL
YC-B
RC
RC-B
RF-P
SF-P
Capacitance
Tolerance
±5%, ±10%
±5%, ±10%
±5%, ±10%
±5%, ±10%
±5%, ±10%
Working Voltage
Range
150
to 500VAC
150
to 500VAC
150
to 500VAC
150
to 660VAC
150
to 500VAC
Applications
AC
electrical
apparatus
AC
electrical
apparatus
AC
electrical
apparatus
AC
electrical
apparatus
AC
electrical
apparatus
Certification
Temperature
Range
-40
°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
μF
μF
μF
μF
μF
Capacitance
Range
1
to 50
1
to 50
1
to 50
1
to 50
1
to 50
μF
μF
μF
μF
μF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com