Electronic Components Datasheet Search
  English  ▼

X  

MPEM Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MPEM
Description  Miniature Metallized Polyester Film Capacitors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MPEM Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MPEM Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions in millimeters (mm)
RV
50VDC/63VDC
100VDC
250VDC
DIM.
CAP(
μF)
W
H
T
P
W
H
T
P
W
H
T
P
0.010
7.5
7.5
3.5
5.0
0.012
7.5
7.5
3.5
5.0
0.015
7.5
7.5
3.5
5.0
0.018
7.5
7.5
3.5
5.0
10.0
8.5
4.0
7.5
0.022
7.5
7.5
3.5
5.0
10.0
8.5
4.0
7.5
0.027
7.5
7.5
3.5
5.0
10.0
8.5
4.0
7.5
0.033
7.5
7.5
3.5
5.0
10.0
8.5
4.0
7.5
0.039
7.5
7.5
3.5
5.0
10.0
8.5
4.0
7.5
0.047
7.5
7.5
3.5
5.0
7.5
7.5
3.5
5.0
10.0
8.5
4.0
7.5
0.056
7.5
7.5
3.5
5.0
7.5
7.5
3.5
5.0
0.068
7.5
7.5
3.5
5.0
7.5
7.5
3.5
5.0
0.082
7.5
7.5
3.5
5.0
7.5
8.0
4.0
5.0
0.10
7.5
7.5
3.5
5.0
7.5
8.5
4.0
5.0
0.12
7.5
7.5
3.5
5.0
0.15
7.5
8.0
4.0
5.0
0.18
7.5
8.5
4.5
5.0
0.22
7.5
8.5
4.5
5.0
0.27
7.5
9.0
5.0
5.0
0.33
7.5
9.5
5.5
5.0
0.39
7.5
9.5
5.5
5.0
0.47
7.5
9.5
6.0
5.0
0.56
7.5
9.5
6.0
5.0
0.68
7.5
9.5
6.0
5.0
0.82
7.5
10.0
6.0
5.0
1.0
7.5
10.5
6.0
5.0
MERITEK
Miniature Metallized Polyester
Film Capacitors
MPEM Series
(Radial Dipped)
FEATURES
•
Space saving miniature size
•
Non-inductive construction
•
Self-healing properties
•
Good solderability
•
Available on tape and reel for automatic insertion
SPECIFICATIONS
1. Operating temperature:
-40
oC to +85oC
2.
Capacitance range:
0.01
μF to 1.0μF
3.
Capacitance tolerance:
±5%(J), ±10%(K), ±20%(M)
4.
Rated voltage:
50VDC, 63VDC, 100VDC, 250VDC
5.
Dissipation factor:
1.0% max. at 1KHz, 25
oC
6.
Insulation resistance:
>10000M
Ω (C ≤ 0.33 μF)
> 3300M
Ω• μF (C > 0.33 μF)
MPEM
154
K
1J
TR
-5
Meritek Series
Capacitance
CODE
103
104
105
(pF )
10,000
100,000
( nF )
10
100
1000
(
μF )
0.01
0.1
1
Tolerance
CODE
J
K
M
Tolerance (%)
± 5
± 10
± 20
Rated Voltage
CODE
1H
1J
2A
2E
50V
63V
100V
250V
Packaging
CODE
Blank
TR
TA
Bulk
Tape & Reel
Tape & Ammo
Lead spacing (optional)
CODE
-5
-7.5
5 mm
7.5 mm
MPEM are constructed with a special metallized
polyester film dielectric, tinned copper leads, and
an epoxy resin coating. They are suitable for
blocking, circuit isolation, bypassing, filtering, and
signal coupling and decoupling. MPEM are ideal for
use in telecommunication equipment, data
processing equipment, industrial instruments, and
automatic control systems.
Specifications are subject to change without notice.
rev.6a


Similar Part No. - MPEM

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPE RUBYCON-MPE Datasheet
45Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
MPE RUBYCON-MPE Datasheet
79Kb / 4P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Apex Electronics Co., L...
MPE APEX-ELECTRONICS-MPE Datasheet
754Kb / 1P
Emergyency Push-Pull Switch
logo
MicroPower Direct, LLC
MPE-100FS MPD-MPE-100FS Datasheet
255Kb / 2P
Single Output, 100W Compact, Enclosed AC/DC Power Supplies
MPE-100FS-05 MPD-MPE-100FS-05 Datasheet
255Kb / 2P
Single Output, 100W Compact, Enclosed AC/DC Power Supplies
More results

Similar Description - MPEM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKT370 PHILIPS-MKT370 Datasheet
1Mb / 74P
Metallized polyester film capacitors
2001 Jun 22
logo
RUBYCON CORPORATION
MMK RUBYCON-MMK Datasheet
45Kb / 2P
METALLIZED POLYESTER FILM CAPACITORS
logo
List of Unclassifed Man...
MKT365 ETC2-MKT365 Datasheet
181Kb / 30P
Metallized polyester film capacitors
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
Film Capacitors Metallized Polyester Film Capacitors
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
Film Capacitors Metallized Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
DMPE MERITEK-DMPE Datasheet
122Kb / 1P
Metallized Polyester Film Capacitors
TMPE MERITEK-TMPE Datasheet
167Kb / 1P
Metallized Polyester Film Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com