Electronic Components Datasheet Search
  English  ▼

X  

AD783 Datasheet(PDF) 1 Page - Analog Devices

Part # AD783
Description  Complete Very High Speed Sample-and-Hold Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD783 Datasheet(HTML) 1 Page - Analog Devices

  AD783 Datasheet HTML 1Page - Analog Devices AD783 Datasheet HTML 2Page - Analog Devices AD783 Datasheet HTML 3Page - Analog Devices AD783 Datasheet HTML 4Page - Analog Devices AD783 Datasheet HTML 5Page - Analog Devices AD783 Datasheet HTML 6Page - Analog Devices AD783 Datasheet HTML 7Page - Analog Devices AD783 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAM
1
2
3
45
6
7
8
AD783
VCC
IN
COMMON
NC
OUT
S/H
NC
VEE
NC = NO CONNECT
X1
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Complete Very High Speed
Sample-and-Hold Amplifier
AD783*
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
Fax: 617/326-8703
FEATURES
Acquisition Time to 0.01%: 250 ns Typical
Low Power Dissipation: 95 mW
Low Droop Rate: 0.02
V/ s
Fully Specified and Tested Hold Mode Distortion
Total Harmonic Distortion: –85 dB
Aperture Jitter: 50 ps Maximum
Internal Hold Capacitor
Self-Correcting Architecture
8-Pin Mini Cerdip and SOIC Packages
PRODUCT DESCRIPTION
The AD783 is a high speed, monolithic sample-and-hold
amplifier (SHA). The AD783 offers a typical acquisition time
of 250 ns to 0.01%. The AD783 is specified and tested for hold
mode total harmonic distortion with input frequencies up to
100 kHz. The AD783 is configured as a unity gain amplifier
and uses a patented self-correcting architecture that minimizes
hold mode errors and ensures accuracy over temperature. The
AD783 is self-contained and requires no external components
or adjustments.
The AD783 retains the held value with a droop rate of 0.02
µV/
µs. Excellent linearity and hold mode dc and dynamic perfor-
mance make the AD783 ideal for high speed 12- and 14-bit
analog-to-digital converters.
The AD783 is manufactured on Analog Devices’ ABCMOS
process which merges high performance, low noise bipolar
circuitry with low power CMOS to provide an accurate, high
speed, low power SHA.
The J grade device is specified for operation from 0
°C to +70°C
and the A grade from –40
°C to +85°C. The J and A grades are
available in 8-pin cerdip and SOIC packages. The military
temperature range version is specified for operation from –55
°C
to +125
°C and is available in an 8-pin cerdip package. For
details refer to the Analog Devices Military Products Databook or
AD783/883B data sheet.
*Protected by U.S. Patent Number 4,962,325.
PRODUCT HIGHLIGHTS
1. Fast acquisition time (250 ns), low aperture jitter (20 ps) and
fully specified hold mode distortion make the AD783 an
ideal SHA for sampling systems.
2. Low droop (0.02
µV/µs) and internally compensated hold
mode error result in superior system accuracy.
3. Low power (95 mW typical), complete functionality and
small size make the AD783 an ideal choice for a variety of
high performance applications.
4. The AD783 requires no external components or adjustments.
5. The AD783 is an excellent choice as a front-end SHA for
high speed analog-to-digital converters such as the AD671,
AD7586, AD674B, AD774B, AD7572 and AD7672.
6. Fully specified and tested hold mode distortion guarantees
the performance of the SHA in sampled data systems.


Similar Part No. - AD783

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD783 AD-AD783 Datasheet
610Kb / 8P
Complete Very High Speed Sample-and-Hold Amplifier
REV. A
AD7834 AD-AD7834 Datasheet
404Kb / 16P
LC2MOS Quad 14-Bit DAC
REV.A
AD7834AN AD-AD7834AN Datasheet
404Kb / 16P
LC2MOS Quad 14-Bit DAC
REV.A
AD7834AR AD-AD7834AR Datasheet
404Kb / 16P
LC2MOS Quad 14-Bit DAC
REV.A
AD7834BN AD-AD7834BN Datasheet
404Kb / 16P
LC2MOS Quad 14-Bit DAC
REV.A
More results

Similar Description - AD783

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD585 AD-AD585 Datasheet
339Kb / 6P
High Speed, Precision Sample-and-Hold Amplifier
logo
National Semiconductor ...
LH0053 NSC-LH0053 Datasheet
184Kb / 6P
HIGH SPEED SAMPLE AND HOLD AMPLIFIER
logo
NXP Semiconductors
TDA1535B PHILIPS-TDA1535B Datasheet
237Kb / 6P
HIGH-SPEED SINGLE SAMPLE-AND-HOLD AMPLIFIER
March 1991
logo
Analog Devices
AD346 AD-AD346 Datasheet
119Kb / 3P
High Speed Sample-and-Hold Amplifier
AD781JNZ AD-AD781JNZ Datasheet
675Kb / 8P
Complete 700 ns Sample-and-hold amplifier
REV. A
AD783JRZ AD-AD783JRZ Datasheet
610Kb / 8P
Complete Very High Speed Sample-and-Hold Amplifier
REV. A
AD346 AD-AD346_15 Datasheet
1Mb / 4P
HIGH SPEED SAMPLE AND HOLD AMPLIFIER
REV. A
AD781 AD-AD781_15 Datasheet
675Kb / 8P
Complete 700 ns Sample and Hold Amplifier
REV. A
AD783 AD-AD783_15 Datasheet
703Kb / 9P
Complete Very High Speed Sample and Hold Amplifier
REV. B
AD585 AD-AD585_17 Datasheet
526Kb / 6P
High speed, Precision Sample-and-hold Amplifier
02/23/2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com