Electronic Components Datasheet Search
  English  ▼

X  

AD7829BN Datasheet(PDF) 15 Page - Analog Devices

Part # AD7829BN
Description  3 V/5 V, 2 MSPS, 8-Bit, 1-, 4-, 8-Channel Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7829BN Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7829BN Datasheet HTML 11Page - Analog Devices AD7829BN Datasheet HTML 12Page - Analog Devices AD7829BN Datasheet HTML 13Page - Analog Devices AD7829BN Datasheet HTML 14Page - Analog Devices AD7829BN Datasheet HTML 15Page - Analog Devices AD7829BN Datasheet HTML 16Page - Analog Devices AD7829BN Datasheet HTML 17Page - Analog Devices AD7829BN Datasheet HTML 18Page - Analog Devices AD7829BN Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
AD7822/AD7825/AD7829
–15–
REV. B
Interfacing Multiplexer Address Inputs
Figure 26 shows a simplified interfacing scheme between the
AD7825/AD7829 and any microprocessor or microcontroller,
which facilitates easy channel selection on the ADCs. The mul-
tiplexer address is latched on the falling edge of the RD signal,
as outlined in the Parallel Interface section, which allows the use
of the 3 LSBs of the address bus to select the channel address.
As shown in Figure 26, only address bits A3 to A15 are address
decoded allowing A0 to A2 to be changed according to desired
channel selection without affecting chip selection.
AD7825/
AD7829
A0
A1
A2
CS
RD
DB7–DB0
A15–A3
CS
RD
DB0–DB7
A15–A3
A2–A0
ADC I/O ADDRESS
MUX ADDRESS
A/D RESULT
MUX ADDRESS
(CHANNEL SELECTION A0–A2)
LATCHED
MICROPROCESSOR READ CYCLE
ADDRESS
DECODE
Figure 26. AD7825/AD7829 Simplified Microinterfacing Scheme
CONVST
RD
CS
EOC
DB7–DB0
AD7822
DSP/
LATCH/ASIC
CONVST
EOC
RD
CS
DB0–DB7
A/D RESULT
t1
t4
Figure 27. AD7822 Stand-Alone Operation
AD7822 Stand–Alone Operation
The AD7822, being the single channel device, does not have
any multiplexer addressing associated with it and can in fact be
controlled with just one signal, i.e., the CONVST signal. As
shown in Figure 27, the RD and CS pins are both tied to the
EOC pin, and the resulting signal may be used as an interrupt
request signal (IRQ) on a DSP, as a WR signal to memory, or as
a CLK to a latch or ASIC. The timing for this interface,
as shown in Figure 27, demonstrates how with the CONVST
signal alone, a conversion may be initiated, data is latched out,
and the operating mode of the AD7822 can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com