Electronic Components Datasheet Search
  English  ▼

X  

AD7834BN Datasheet(PDF) 3 Page - Analog Devices

Part # AD7834BN
Description  LC2MOS Quad 14-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7834BN Datasheet(HTML) 3 Page - Analog Devices

  AD7834BN Datasheet HTML 1Page - Analog Devices AD7834BN Datasheet HTML 2Page - Analog Devices AD7834BN Datasheet HTML 3Page - Analog Devices AD7834BN Datasheet HTML 4Page - Analog Devices AD7834BN Datasheet HTML 5Page - Analog Devices AD7834BN Datasheet HTML 6Page - Analog Devices AD7834BN Datasheet HTML 7Page - Analog Devices AD7834BN Datasheet HTML 8Page - Analog Devices AD7834BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7834/AD7835
REV. A
–3–
TIMING SPECIFICATIONS1
Parameter
Limit at TMIN, TMAX
Units
Description
AD7834 Specific
t1
2
100
ns min
SCLK Cycle Time
t2
2
50
ns min
SCLK Low Time @ +25
°C
60
ns min
SCLK Low Time –40
°C to +85°C
66
ns min
SCLK Low Time –55
°C to +125°C
t3
2
30
ns min
SCLK High Time
t4
30
ns min
FSYNC
, PAEN Setup Time
t5
40
ns min
FSYNC
, PAEN Hold Time
t6
30
ns min
Data Setup Time
t7
10
ns min
Data Hold Time
t8
0
ns min
LDAC
to FSYNC Setup Time
t9
40
ns min
LDAC
to FSYNC Hold Time
t21
20
ns min
Delay Between Write Operations
AD7835 Specific
t11
15
ns min
A0, A1, A2, BYSHF to CS Setup Time
t12
15
ns min
A0, A1, A2, BYSHF to CS Hold Time
t13
0
ns min
CS
to WR Setup Time
t14
0
ns min
CS
to WR Hold Time
t15
40
ns min
WR
Pulse Width
t16
40
ns min
Data Setup Time
t17
10
ns min
Data Hold Time
t18
0
ns min
LDAC
to CS Setup Time
t19
0
ns min
CS
to LDAC Setup Time
t20
0
ns min
LDAC
to CS Hold Time
General
t10
40
ns min
LDAC
, CLR Pulse Width
NOTES
1All input signals are specified with tr = tf = 5 ns (10% to 90% of 5 V) and timed from a voltage level of 1.6 V.
2Rise and fall times should be no longer than 50 ns.
Specifications subject to change without notice.
(VCC = +5 V
± 5%; V
DD = +15 V
± 5%; V
SS = –15 V
± 5%; AGND = DGND = 0 V)
t12
t14
t17
t16
t15
t10
t18
t19
t11
t13
A0. A1 A2
BYSHF
CS
WR
DATA
LDAC
(SIMULTANEOUS
UPDATE)
LDAC
(PRE-CHANNEL
UPDATE)
Figure 2. AD7835 Timing Diagram
t1
t3
t10
t20
t9
t4
LDAC
(SIMULTANEOUS
UPDATE)
LDAC
(PRE-CHANNEL
UPDATE)
1ST
CLK
2ND
CLK
24TH
CLK
t5
t8
t2
D0
D1
t7
t6
D22
D23
SCLK
DIN
FSYNC
Figure 1. AD7834 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com