Electronic Components Datasheet Search
  English  ▼

X  

MUD Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MUD
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MUD Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MUD Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MUD Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
•
PCB Mounting, Super low profile
•
Lengths are all 20mm, Down size
•
High CV density
•
Load life of 2,000 hours at 105oC
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
160V-250V: -40oC to +105oC
350V-400V: -25oC to +105oC
Rated Working Voltage
160 to 400VDC
Capacitance Tolerance
±20% (M)
Leakage Current
(20oC)
I≤0.02CV or 2mA, whichever is less (at 20OC after 5 minutes)
I= Leakage current (μA) C= Nominal capacitance (μF) V= Rated voltage (VDC)
Dissipation Factor
Tanδ (120Hz, 20oC)
160 to 250
350 to 400
Tanδ (120Hz,
20oC)
0.15
0.20
Low Temperature
Characteristics
Impedance ratio at 120 Hz
WV
160 to 250
350 to 400
Z -25OC/Z 20OC
4
8
Z -40OC/Z 20OC
12
-
Load Life
After applying rated working voltage for 2000 hours at 105oC and then being stabilized at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Tanδ
≤
±200% of the initial specified value
Leakage current
≤
The initial specified value
Shelf Life
After storage for 1000 hours at 105 oC with no voltage applied and then being stabilized at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Tanδ
≤
150% of the initial specified value
Leakage current
≤
The initial specified value
PART NUMBERING SYSTEM
MUD
160V
222
M
22X25
Meritek Series
Voltage
Capacitance
CODE
222
562
153
473
μ
F
2200
5600
15000
47000
Tolerance - M= ±20%
Case size (diameter X length, in mm)
Frequency
Freq (Hz)
WV (V)
50
120
1K
10K
100K
160 to 250
0.80
1.0
1.25
1.40
1.50
350 to 400
0.84
1.0
1.15
1.20
1.32
Temperature
Temperature
≤
45oC
60oC
85oC
105oC
Factor
2.40
2.20
1.65
1.00
DIMENSIONS
RIPPLE CURRENT COEFFICIENT
Snap-In Aluminum
Electrolytic Capacitors
MUD Series
rev.7a


Similar Description - MUD

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MWC MERITEK-MWC Datasheet
292Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
USK RUBYCON-USK Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXH RUBYCON-VXH_15 Datasheet
149Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXK RUBYCON-VXK Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR_15 Datasheet
241Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com