Electronic Components Datasheet Search
  English  ▼

X  

KMOC3012 Datasheet(PDF) 1 Page - COSMO Electronics Corporation

Part # KMOC3012
Description  Zero Crossing Optoisolators TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3012 Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KMOC3012 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3012 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3012 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3012 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3012 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3012 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:12/30/2011
NO.60P48001
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KMOC3012
SHEET 1 OF 6
REV.
2
Zero Crossing Optoisolators TRIAC
Driver Output (600V Volts Peak)
Features
1. Pb free and RoHS Compliant.
2. Compact dual-in-line package.
3. 600V peak blocking voltage.
4. Isolation voltage between input and output (Viso:5300Vrms).
5. Safety Approval:
UL approved:No.E169586
CUL approved:No.E169586
VDE approved:No.101347
For 115/240 Vac(rms) Application:
1. Solenoid/Valve Controls.
2. Lighting Controls.
3. Static Power Switches.
4. AC Motor Drives.
5. Temperature Controls.
6. E.M. Contactors.
7. AC Motor Starters.
8. Solid State Relays.
9. Programmable controllers.


Similar Part No. - KMOC3012

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3012 COSMO-KMOC3012 Datasheet
254Kb / 10P
4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012H COSMO-KMOC3012H Datasheet
64Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3012H COSMO-KMOC3012H Datasheet
254Kb / 10P
4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012L COSMO-KMOC3012L Datasheet
254Kb / 10P
4PIN ZERO-CROSS TRIAC DRIVER PHOTOCOUPLER
KMOC3012S COSMO-KMOC3012S Datasheet
57Kb / 6P
Non Zero Crossing Optoisolators TRIAC
More results

Similar Description - KMOC3012

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KMOC3011S COSMO-KMOC3011S Datasheet
76Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3041 COSMO-KMOC3041_11 Datasheet
87Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3041S COSMO-KMOC3041S Datasheet
85Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3042 COSMO-KMOC3042_11 Datasheet
87Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3043S COSMO-KMOC3043S Datasheet
85Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3051 COSMO-KMOC3051_11 Datasheet
85Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3051H COSMO-KMOC3051H Datasheet
86Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3061S COSMO-KMOC3061S_11 Datasheet
84Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3062H COSMO-KMOC3062H Datasheet
88Kb / 6P
Zero Crossing Optoisolators TRIAC
KMOC3082S COSMO-KMOC3082S Datasheet
85Kb / 6P
Zero Crossing Optoisolators TRIAC
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com