Electronic Components Datasheet Search
  English  ▼

X  

AD7856 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7856
Description  5 V Single Supply, 8-Channel 14-Bit 285 kSPS Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7856 Datasheet(HTML) 3 Page - Analog Devices

  AD7856 Datasheet HTML 1Page - Analog Devices AD7856 Datasheet HTML 2Page - Analog Devices AD7856 Datasheet HTML 3Page - Analog Devices AD7856 Datasheet HTML 4Page - Analog Devices AD7856 Datasheet HTML 5Page - Analog Devices AD7856 Datasheet HTML 6Page - Analog Devices AD7856 Datasheet HTML 7Page - Analog Devices AD7856 Datasheet HTML 8Page - Analog Devices AD7856 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
–3–
REV. A
AD7856
Parameter
A Version
1
K Version
1
Units
Test Conditions/Comments
POWER PERFORMANCE
AVDD, DVDD
+4.75/+5.25
+4.75/+5.25
V min/max
IDD
Normal Mode
5
17
17
mA max
AVDD = DVDD = 4.75 V to 5.25 V. Typically 12 mA
Sleep Mode
6
With External Clock On
30
10
µA typ
Full Power-Down. Power Management Bits in Con-
trol Register Set as PMGT1 = 1, PMGT0 = 0
400
500
µA typ
Partial Power-Down. Power Management Bits in
Control Register Set as PMGT1 = 1, PMGT0 = 1
With External Clock Off
5
5
µA max
Typically 0.5
µA. Full Power-Down. Power Manage-
ment. Bits in Control Register Set as PMGT1 = 1,
PMGT0 = 0
200
200
µA typ
Partial Power-Down. Power Management Bits in
Control Register Set as PMGT1 = 1, PMGT0 = 1
Normal Mode Power Dissipation
89.25
89.25
mW max
VDD = 5.25 V. Typically 60 mW; SLEEP = VDD
Sleep Mode Power Dissipation
With External Clock On
52.5
52.5
µW typ
VDD = 5.25 V. SLEEP = 0 V
With External Clock Off
26.25
26.25
µW max
VDD = 5.25 V. Typically 5.25 µW; SLEEP = 0 V
SYSTEM CALIBRATION
Offset Calibration Span
7
+0.0375
× V
REF/–0.0375 × VREF
V max/min
Allowable Offset Voltage Span for Calibration
Gain Calibration Span
7
+1.01875
× V
REF/–0.98125 × VREF
V max/min
Allowable Full-Scale Voltage Span for Calibration
NOTES
1Temperature ranges as follows: A Version: –40
°C to +105°C. K Version: 0°C to +105°C.
2Specifications apply after calibration.
3SNR calculation includes distortion and noise components.
4Sample tested @ +25
°C to ensure compliance.
5All digital inputs @ DGND except for
CONVST, SLEEP, CAL and SYNC @ DV
DD. No load on the digital outputs. Analog inputs @ AGND.
6CLKIN @ DGND when external clock off. All digital inputs @ DGND except for
CONVST, SLEEP, CAL, and SYNC @ DV
DD. No load on the digital outputs.
Analog inputs @ AGND.
7The Offset and Gain Calibration Spans are defined as the range of offset and gain errors that the AD7856 can calibrate. Note also that these are voltage spans and are
not absolute voltages (i.e., the allowable system offset voltage presented at AIN(+) for the system offset error to be adjusted out will be AIN(–)
±0.0375 × V
REF, and
the allowable system full-scale voltage applied between AIN(+) and AIN(–) for the system full-scale voltage error to be adjusted out will be V REF ± 0.01875 × VREF).
This is explained in more detail in the Calibration section of the data sheet.
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com