Electronic Components Datasheet Search
  English  ▼

X  

AD7858 Datasheet(PDF) 27 Page - Analog Devices

Part # AD7858
Description  3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7858 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7858 Datasheet HTML 23Page - Analog Devices AD7858 Datasheet HTML 24Page - Analog Devices AD7858 Datasheet HTML 25Page - Analog Devices AD7858 Datasheet HTML 26Page - Analog Devices AD7858 Datasheet HTML 27Page - Analog Devices AD7858 Datasheet HTML 28Page - Analog Devices AD7858 Datasheet HTML 29Page - Analog Devices AD7858 Datasheet HTML 30Page - Analog Devices AD7858 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
AD7858/AD7858L
REV. B
–27–
Interface Mode 2 Configuration
Figure 35 shows the flowchart for configuring the part in Inter-
face Mode 2. In this case the read and write operations take
place simultaneously via the serial port. Writing all 0s ensures
that no valid data is written to any of the registers. When using
the software conversion start and transferring data during con-
version Note 1 must be obeyed.
APPLY
SYNC (IF REQUIRED), SCLK, WRITE
TO CONTROL REGISTER SETTING CHANNEL,
(SEE NOTE 1)
INITIATE
CONVERSION
IN
SOFTWARE
?
START
POWER-ON, APPLY CLKIN SIGNAL,
WAIT FOR AUTOMATIC CALIBRATION
PULSE
CONVST PIN
WAIT FOR BUSY SIGNAL TO GO LOW
OR
WAIT FOR BUSY BIT = 0
NO
SERIAL
INTERFACE
MODE
?
TRANSFER
DATA DURING
CONVERSION
?
NO
YES
YES
APPLY
SYNC (IF REQUIRED), SCLK,
READ CURRENT CONVERSION RESULT
ON DOUT PIN, AND WRITE CHANNEL
SELECTION
NOTES
1WHEN USING THE SOFTWARE CONVERSION START AND TRANSFERRING DATA DURING CONVERSION THE USER MUST ENSURE THE CONTROL REGISTER
WRITE OPERATION EXTENDS BEYOND THE FALLING EDGE OF BUSY. THE FALLING EDGE OF BUSY RESETS THE CONVST BIT TO 0 AND ONLY AFTER THIS
TIME CAN IT BE REPROGRAMMED TO 1 TO START THE NEXT CONVERSION.
2TWO SEPARATE WRITES ARE REQUIRED TO SET A NEW CHANNEL ADDRESS AND INITIATE A CONVERSION ON THAT NEW CHANNEL IN SOFTWARE AS
THE ACQUISITION TIME (2
tCLKIN) MUST ELAPSE BEFORE THE CONVERSION BEGINS. IF BOTH COMMANDS ARE ISSUED IN THE ONE WRITE THE
RESULT OF THIS CONVERSION SHOULD BE DISCARDED AND THE NEXT CONVERSION ON THAT SAME CHANNEL WILL PROVIDE CORRECT RESULTS.
WAIT APPROX 200ns AFTER
CONVST RISING EDGE
APPLY
SYNC (IF REQUIRED), SCLK, READ
PREVIOUS CONVERSION RESULT ON DOUT
PIN, AND WRITE CHANNEL SELECTION
NO
APPLY
SYNC (IF REQUIRED), SCLK, WRITE
TO CONTROL REGISTER SETTING CHANNEL
WAIT FOR BUSY SIGNAL TO GO LOW
OR
WAIT FOR BUSY BIT = 0
YES
2
WRITE TO CONTROL REGISTER SETTING
CONVST BIT TO 1, READ
CURRENT CONVERSION RESULT
ON DOUT PIN (SEE NOTE 2)
WRITE TO CONTROL REGISTER
SETTING CONVST BIT TO 1,
READ PREVIOUS RESULT ON
DOUT PIN (SEE NOTES 1&2)
TRANSFER
DATA DURING
CONVERSION
?
Figure 35. Flowchart for Setting Up, Reading, and Writing in Interface Mode 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com