Electronic Components Datasheet Search
  English  ▼

X  

MWC Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # MWC
Description  Snap-In Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

MWC Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  MWC Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION MWC Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
•
PCB Mounting, Low profile
•
Compact size
•
High reliability for continuous operation
•
High CV density, high ripple current
•
Load life of 2,000 hours at 85oC
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
350V-400V: -25oC to +85oC
Rated Working Voltage
350 to 400VDC
Capacitance Tolerance
±20% (M)
Leakage Current
(20oC)
I≤0.02CV or 2mA, whichever is less (at 20OC after 3 minutes)
I= Leakage current (μA) C= Nominal capacitance (μF) V= Rated voltage (VDC)
Dissipation Factor
Tanδ (120Hz, 20oC)
350 to 400
Tanδ (120Hz,
20oC)
0.10
Low Temperature
Characteristics
Impedance ratio at 120 Hz
WV
350 to 400
Z -25OC/Z 20OC
6
Load Life
After applying rated working voltage for 2000 hours at 85oC and then being stabilized at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Tanδ
≤
±200% of the initial specified value
Leakage current
≤
The initial specified value
Shelf Life
After storage for 1000 hours at 85 oC with no voltage applied and then being stabilized at +20OC, capacitors shall meet following limits.
Capacitance change
Within ±20% of the initial value
Tanδ
≤
150% of the initial specified value
Leakage current
≤
±200% of the initial specified value
PART NUMBERING SYSTEM
MWC
350V
222
M
22X25
Meritek Series
Voltage
Capacitance
CODE
222
562
153
473
μ
F
2200
5600
15000
47000
Tolerance -
M= ±20%
Case size
(diameter X length, in mm)
Frequency
Freq (Hz)
WV (V)
50
120
500
1K
10K
100K
350 to 400
0.80
1.0
1.20
1.25
1.35
1.40
Temperature
Temperature
≤ 45
oC
60
oC
70
oC
85
oC
Factor
1.48
1.30
1.15
1.00
DIMENSIONS
RIPPLE CURRENT COEFFICIENT
Snap-In Aluminum
Electrolytic Capacitors
MWC Series
rev.7a


Similar Part No. - MWC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MWC ETC-MWC Datasheet
227Kb / 1P
Wet-Type Multiple-Disk EM Clutch
logo
MMD Components
MWC MMD-MWC Datasheet
104Kb / 2P
CMOS Output
logo
List of Unclassifed Man...
MWC-1.2 ETC-MWC-1.2 Datasheet
227Kb / 1P
Wet-Type Multiple-Disk EM Clutch
MWC-10 ETC-MWC-10 Datasheet
227Kb / 1P
Wet-Type Multiple-Disk EM Clutch
MWC-160 ETC-MWC-160 Datasheet
223Kb / 1P
Wet-Type Multiple-Disk EM Clutch
More results

Similar Description - MWC

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MHT MERITEK-MHT Datasheet
284Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUD MERITEK-MUD Datasheet
239Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
MUH MERITEK-MUH Datasheet
349Kb / 3P
Snap-In Aluminum Electrolytic Capacitors
MUT MERITEK-MUT Datasheet
264Kb / 2P
Snap-In Aluminum Electrolytic Capacitors
logo
RUBYCON CORPORATION
USK RUBYCON-USK Datasheet
166Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXH RUBYCON-VXH_15 Datasheet
149Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXK RUBYCON-VXK Datasheet
167Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
VXR RUBYCON-VXR_15 Datasheet
241Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
400MXK390MEFCSN22X50 RUBYCON-400MXK390MEFCSN22X50 Datasheet
165Kb / 2P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
25USC10000MEFCSN25X25 RUBYCON-25USC10000MEFCSN25X25 Datasheet
325Kb / 4P
SNAP-IN ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com