Electronic Components Datasheet Search
  English  ▼

X  

AD7861 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7861
Description  11-Bit Resolution Simultaneous Sampling A/D Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7861 Datasheet(HTML) 2 Page - Analog Devices

  AD7861 Datasheet HTML 1Page - Analog Devices AD7861 Datasheet HTML 2Page - Analog Devices AD7861 Datasheet HTML 3Page - Analog Devices AD7861 Datasheet HTML 4Page - Analog Devices AD7861 Datasheet HTML 5Page - Analog Devices AD7861 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AD7861–SPECIFICATIONS
Parameter
AD7861AP
Units
Conditions/Comments
DC ACCURACY
Resolution
11
Bits
Twos Complement Data Format
Relative Accuracy
±2
LSB max
Integral Nonlinearity
Differential Nonlinearity
±2.5
LSB max
Bias Offset Error
±9
LSB max
Any Channel
Bias Offset Error Match
4
LSB max
Between Channels
Full-Scale Error
±13
LSB max
Any Channel
Full-Scale Error Match
4
LSB max
Between Channels
DYNAMIC PERFORMANCE
Signal-to-Noise Ratio (SNR)
60
dB min
fIN = 1 kHz Sine Wave, fSAMPLE = 75 kHz
Total Harmonic Distortion (THD)
–60
dB max
fIN = 1 kHz Sine Wave, fSAMPLE = 75 kHz
Peak Harmonic or Spurious Noise
–60
dB max
fIN = 1 kHz Sine Wave, fSAMPLE = 75 kHz
Channel-to-Channel Isolation
M1 = 0
–58
dB max
1 kHz Sine Wave Applied to Unselected Channels
M1 = 1
–53
dB max
1 kHz Sine Wave Applied to Unselected Channels
REFERENCE
Input Voltage Range (REF IN)
2.5
V
Input Current
50
µA max
Onboard Reference Output (REF OUT)
2.5
V
Reference Tolerance
±5%
Reference Drive Capability
±100
µA max
SAMPLE-AND-HOLD
Acquisition Time
1.6
µs
20 CLK Cycles @ 12.5 MHz
Aperture Delay Time
200
ns max
Aperture Delay Time Match
20
ns max
Droop Rate
5
mV/ms max
LOGIC
Input High Voltage (VIH)
2
V min
Input Low Voltage (VIL)
0.8
V max
Input Leakage Current
1
µA max
Input Capacitance
20
pF typ
(VOH)
4.5
V min
ISOURCE Current = 20
µA, VDD = 5 V
(VOL)
0.4
V max
ISINK Current = 400
µA, VDD = 5 V
Three-State Leakage Current
1
µA max
CONVERSION RATE
Conversion Time/Channel
40
CLK Cycles
CONVST
Pulsewidth
2
CLK Cycles min
ANALOG INPUTS
Nominal Input Level
0–5
V
VIN1, VIN2, VIN3, AUX0–AUX3
Input Current
100
µA
Input Capacitance
10
pF
SYSTEM CLOCK
6.25–12.5
MHz
POWER REQUIREMENTS
VDD
5V dc
IDD
10
mA max
REV. B
– 2 –
(VDD = 5 V
5%; TA = –40 C to +85 C; REFIN = 2.5 V; Ext CLK @ 12.5 MHz, unless
otherwise noted)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com