Electronic Components Datasheet Search
  English  ▼

X  

BM2P034 Datasheet(PDF) 2 Page - Rohm

Part # BM2P034
Description  PWM type DC/DC converter IC Included 650V MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P034 Datasheet(HTML) 2 Page - Rohm

  BM2P034 Datasheet HTML 1Page - Rohm BM2P034 Datasheet HTML 2Page - Rohm BM2P034 Datasheet HTML 3Page - Rohm BM2P034 Datasheet HTML 4Page - Rohm BM2P034 Datasheet HTML 5Page - Rohm BM2P034 Datasheet HTML 6Page - Rohm BM2P034 Datasheet HTML 7Page - Rohm BM2P034 Datasheet HTML 8Page - Rohm BM2P034 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2/16
Datasheet
Datasheet
BM2PXX4 Series
TSZ02201-0F2F0A200070-1-2
28.NOV.2012.Rev.003
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
●Absolute Maximum Ratings(Ta=25
°C)
Parameter
Symbol
Rating
Unit
Conditions
Maximum applied voltage 1
Vmax1
-0.3~30
V
VCC
Maximum applied voltage 2
Vmax2
-0.3~6.5
V
SOURCE, FB
Maximum applied voltage 3
V
650
V
DRAIN
Drain current pulse
I
DP
10.40
A
PW=10us, Duty cycle=1%
(BM2P014)
Drain current pulse
I
DP
5.20
A
PW=10us, Duty cycle=1%
(BM2P034)
Drain current pulse
I
DP
2.60
A
PW=10us, Duty cycle=1%
(BM2P054)
Drain current pulse
I
DP
1.30
A
PW=10us, Duty cycle=1%
(BM2P094)
Allowable dissipation
Pd
2000
mW
When implemented
Operating
temperature range
Topr
-40 ~ +105
oC
Storage
temperature range
Tstr
-55 ~ +150
oC
(Note1) DIP7 : When mounted (on 74.2 mm × 74.2 mm, 1.6 mm thick, glass epoxy on single-layer substrate).
Reduce to 16 mW/
°C when Ta = 25°C or above.
●Operating Conditions(Ta=25
°C)
Parameter
Symbol
Rating
Unit
Conditions
Power supply voltage range 1
VCC
8.9~26.0
V
VCC pin voltage
Power supply voltage range 2
V
DRAIN
~
650
V
DRAIN pin voltage
●Electrical Characteristics of MOSFET part (Unless otherwise noted, Ta = 25
°C, VCC = 15 V)
Parameter
Symbol
Specifications
Unit
Conditions
Minimum
Standard
Maximum
[MOSFET Block ]
Between drain and
source voltage
V
(BR)DDS
650
-
-
V
I
D=1mA / VGS=0V
Drain leak current
I
DSS
-
-
100
uA
V
DS=650V / VGS=0V
On resistance
R
DS(ON)
-
1.4
2.0
Ω
I
D=0.25A / VGS=10V
(BM2P014)
On resistance
R
DS(ON)
-
2.4
3.6
Ω
I
D=0.25A / VGS=10V
(BM2P034)
On resistance
R
DS(ON)
-
4.0
5.5
Ω
I
D=0.25A / VGS=10V
(BM2P054)
On resistance
R
DS(ON)
-
8.5
12.0
Ω
I
D=0.25A / VGS=10V
(BM2P094)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com