Electronic Components Datasheet Search
  English  ▼

X  

BM2P054 Datasheet(PDF) 7 Page - Rohm

Part # BM2P054
Description  PWM type DC/DC converter IC Included 650V MOSFET
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM2P054 Datasheet(HTML) 7 Page - Rohm

Back Button BM2P054 Datasheet HTML 3Page - Rohm BM2P054 Datasheet HTML 4Page - Rohm BM2P054 Datasheet HTML 5Page - Rohm BM2P054 Datasheet HTML 6Page - Rohm BM2P054 Datasheet HTML 7Page - Rohm BM2P054 Datasheet HTML 8Page - Rohm BM2P054 Datasheet HTML 9Page - Rohm BM2P054 Datasheet HTML 10Page - Rohm BM2P054 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/16
Datasheet
Datasheet
BM2PXX4 Series
TSZ02201-0F2F0A200070-1-2
28.NOV.2012.Rev.003
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
(2 ) Start sequences
(Soft start operation, light load operation, and auto recovery operation during overload protection)
Start sequences are shown in Figure 7. See the sections below for detailed descriptions.
Vout
Switching
VH
VCC(1pin)
FB(8pin)
Soft
Start
Within
32ms
Iout
Normal Load
Light LOAD
Within
32ms
VCC=8.2V
Over Load
Within
32ms
Internal REF
Pull Up
Burst mode
A
B C
D
E
F
GH
IJ
K
Switching
stop
VCC=13.5V
Figure 7. Start sequences Timing Chart
A : Input voltage VH is applied
B : This IC starts operating VCC pin voltage rises when VCC > V
UVLO1 (13.5 V typ).
Switching function starts when other protection functions are judged as normal.
Between the secondary output voltage become constant level, because the VCC pin consumption current causes the VCC
value to drop, IC should set to start switching until VCC<V
UVLO2 (8.2V typ).
C : With the soft start function, overcurrent limit value is restricted to prevent any excessive rise in voltage or current.
D : When the switching operation starts, VOUT rises.
Once the output voltage starts, set the rated voltage within the T
FOLP period (32ms typ).
E : When there is a light load it reaches FB voltage < VBST (= 0.4Vtyp, burst operation is used to keep power consumption
down.
During burst operation, it becomes low-power consumption mode.
F : When the FB Voltage>V
FOLP1A(=2.8V.typ), it becomes a overload
G: When FB pin voltage keeps V
FOLP1A (= 2.8V typ) at or above T FOLP (32ms typ), the overload protection function is triggered
and switching stops. During the TFOLP period (32ms typ) if the FB pin voltage becomes FB<VFOLP1B even once, the IC’s
internal timer is reset.
H : If the VCC voltage drops to VCC < V
UVLO2 (7.7Vtyp) or below, restart is executed.
I : The IC’s circuit current is reduced and the VCC pin value rises. (Same as B)
J : Same as F
K : Same as G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com