Electronic Components Datasheet Search
  English  ▼

X  

AD7853LARS Datasheet(PDF) 17 Page - Analog Devices

Part # AD7853LARS
Description  3 V to 5 V Single Supply, 200 kSPS 12-Bit Sampling ADCs
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7853LARS Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7853LARS Datasheet HTML 13Page - Analog Devices AD7853LARS Datasheet HTML 14Page - Analog Devices AD7853LARS Datasheet HTML 15Page - Analog Devices AD7853LARS Datasheet HTML 16Page - Analog Devices AD7853LARS Datasheet HTML 17Page - Analog Devices AD7853LARS Datasheet HTML 18Page - Analog Devices AD7853LARS Datasheet HTML 19Page - Analog Devices AD7853LARS Datasheet HTML 20Page - Analog Devices AD7853LARS Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
REV. B
–17–
AD7853/AD7853L
REFERENCE SECTION
For specified performance, it is recommended that when using
an external reference this reference should be between 2.3 V
and the analog supply AVDD. The connections for the relevant
reference pins are shown in the typical connection diagrams. If
the internal reference is being used, the REFIN/REFOUT pin
should have a 100 nF capacitor connected to AGND very close
to the REFIN/REFOUT pin. These connections are shown in
Figure 18.
If the internal reference is required for use external to the ADC,
it should be buffered at the REFIN/REFOUT pin and a 100 nF
connected from this pin to AGND. The typical noise performance
for the internal reference, with 5 V supplies is 150 nV/
√Hz @
1 kHz and dc noise is 100
µV p-p.
AVDD
DVDD
CREF1
CREF2
REFIN/REFOUT
ANALOG SUPPLY
+3V TO +5V
0.1 F
10 F
0.1 F
0.01 F
0.1 F
0.1 F
AD7853/AD7853L
Figure 18. Relevant Connections When Using Internal
Reference
The other option is that the REFIN/REFOUT pin be overdriven
by connecting it to an external reference. This is possible due to
the series resistance from the REFIN/REFOUT pin to the internal
reference. This external reference can have a range that includes
AVDD. When using AVDD as the reference source, the 100 nF
capacitor from the REFIN/REFOUT pin to AGND should be as
close as possible to the REFIN/REFOUT pin, and also the CREF1
pin should be connected to AVDD to keep this pin at the same
level as the reference. The connections for this arrangement are
shown in Figure 19. When using AVDD it may be necessary to
add a resistor in series with the AVDD supply. This will have the
effect of filtering the noise associated with the AVDD supply.
AVDD
DVDD
CREF1
CREF2
REFIN/REFOUT
ANALOG SUPPLY
+3V TO +5V
0.1 F
10 F
0.1 F
0.01 F
0.1 F
0.1 F
AD7853/AD7853L
Figure 19. Relevant Connections When Using AVDD as the
Reference
PERFORMANCE CURVES
Figure 20 shows a typical FFT plot for the AD7853 at 200 kHz
sample rate and 10 kHz input frequency.
0
–120
–60
–100
20
–80
0
–20
–40
80
60
40
AVDD = DVDD = 3.3V
fSAMPLE = 200kHz
fIN = 10kHz
SNR = 72.04dB
THD = –88.43dB
FREQUENCY – kHz
100
Figure 20. FFT Plot
Figure 21 shows the SNR versus Frequency for different sup-
plies and different external references.
INPUT FREQUENCY – kHz
74
73
69
0
100
20
40
60
80
72
71
70
5.0V SUPPLIES, WITH 5V REFERENCE
5.0V SUPPLIES
5.0V SUPPLIES, L VERSION
3.3V SUPPLIES
AVDD = DVDD WITH 2.5V REFERENCE
UNLESS STATED OTHERWISE
Figure 21. SNR vs. Frequency
Figure 22 shows the Power Supply Rejection Ratio versus Fre-
quency for the part. The Power Supply Rejection Ratio is de-
fined as the ratio of the power in ADC output at frequency f to
the power of a full-scale sine wave.
PSRR (dB) = 10 log (Pf/Pfs)
Pf = Power at frequency f in ADC output, Pfs = power of a full-
scale sine wave. Here a 100 mV peak-to-peak sine wave is
coupled onto the AVDD supply while the digital supply is left
unaltered. Both the 3.3 V and 5.0 V supply performances are
shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com