Electronic Components Datasheet Search
  English  ▼

X  

P4SMA Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # P4SMA
Description  Transient Voltage Suppressors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

P4SMA Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  P4SMA Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION P4SMA Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION P4SMA Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION P4SMA Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Transient Voltage Suppressors
SMA Series
MERITEK
Part Number
Device
Marking
Code
Reverse
Stand-Off
Voltage
Breakdown
Voltage
@IT
Breakdown
Voltage
@IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@VRWM
UNI-POLAR
BI-POLAR
UNI
BI
VRWM(V)
VBR MIN.(V)
VBR MAX.(V)
IT(mA)
VC(V)
IPP(A)
IR(μA)
P4SMA30A
P4SMA30CA 30A 30C
25.60
28.50
31.50
1
41.4
9.9
1
P4SMA33A
P4SMA33CA 33A 33C
28.20
31.40
34.70
1
45.7
9.0
1
P4SMA36A
P4SMA36CA 36A 36C
30.80
34.20
37.80
1
49.9
8.2
1
P4SMA39A
P4SMA39CA 39A 39C
33.30
37.10
41.00
1
53.9
7.6
1
P4SMA43A
P4SMA43CA 43A 43C
36.80
40.90
45.20
1
59.3
6.9
1
P4SMA47A
P4SMA47CA 47A 47C
40.20
44.70
49.40
1
64.8
6.3
1
P4SMA51A
P4SMA51CA 51A 51C
43.60
48.50
53.60
1
70.1
5.8
1
P4SMA56A
P4SMA56CA 56A 56C
47.80
53.20
58.80
1
77.0
5.3
1
P4SMA62A
P4SMA62CA 62A 62C
53.00
58.90
65.10
1
85.0
4.8
1
P4SMA68A
P4SMA68CA 68A 68C
58.10
64.60
71.40
1
92.0
4.5
1
P4SMA75A
P4SMA75CA 75A 75C
64.10
71.30
78.80
1
103.0
4.0
1
P4SMA82A
P4SMA82CA 82A 82C
70.10
77.90
86.10
1
113.0
3.6
1
P4SMA91A
P4SMA91CA 91A 91C
77.80
86.50
95.50
1
125.0
3.3
1
P4SMA100A P4SMA100CA 100A 100C
85.50
95.00
105.00
1
137.0
3.0
1
P4SMA110A P4SMA110CA 110A 110C
94.00
105.00
116.00
1
152.0
2.7
1
P4SMA120A P4SMA120CA 120A 120C 102.00
114.00
126.00
1
165.0
2.5
1
P4SMA130A P4SMA130CA 130A 130C 111.00
124.00
137.00
1
179.0
2.3
1
P4SMA150A P4SMA150CA 150A 150C 128.00
143.00
158.00
1
207.0
2.0
1
P4SMA160A P4SMA160CA 160A 160C 136.00
152.00
168.00
1
219.0
1.9
1
P4SMA170A P4SMA170CA 170A 170C 145.00
162.00
179.00
1
234.0
1.8
1
P4SMA180A P4SMA180CA 180A 180C 154.00
171.00
189.00
1
246.0
1.7
1
P4SMA200A P4SMA200CA 200A 200C 171.00
190.00
210.00
1
274.0
1.5
1
P4SMA220A P4SMA220CA 220A 220C 185.00
209.00
231.00
1
328.0
1.3
1
P4SMA250A P4SMA250CA 250A 250C 214.00
237.00
263.00
1
344.0
1.2
1
P4SMA300A P4SMA300CA 300A 300C 256.00
285.00
315.00
1
414.0
1.0
1
P4SMA350A P4SMA350CA 350A 350C 300.00
332.00
368.00
1
482.0
0.9
1
P4SMA400A P4SMA400CA 400A 400C 342.00
380.00
420.00
1
548.0
0.8
1
P4SMA440A P4SMA440CA 440A 440C 376.00
418.00
462.00
1
602.0
0.7
1
P4SMA480A P4SMA480CA 480A 480C 408.00
456.00
504.00
1
658.0
0.6
1
P4SMA510A P4SMA510CA 510A 510C 434.00
485.00
535.00
1
698.0
0.6
1
P4SMA530A P4SMA530CA 530A 530C 477.00
503.50
556.50
1
725.0
0.6
1
P4SMA540A P4SMA540CA 540A 540C 486.00
513.00
567.00
1
740.0
0.5
1
P4SMA550A P4SMA550CA 550A 550C 495.00
522.50
577.50
1
760.0
0.5
1
Note: For Bidirectional type having VRWM of 10 volts and less,the IR limit doubles.
3
Rev 7



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com