Electronic Components Datasheet Search
  English  ▼

X  

AD7868BN Datasheet(PDF) 5 Page - Analog Devices

Part # AD7868BN
Description  LC2MOS Complete, 12-Bit Analog I/O System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7868BN Datasheet(HTML) 5 Page - Analog Devices

  AD7868BN Datasheet HTML 1Page - Analog Devices AD7868BN Datasheet HTML 2Page - Analog Devices AD7868BN Datasheet HTML 3Page - Analog Devices AD7868BN Datasheet HTML 4Page - Analog Devices AD7868BN Datasheet HTML 5Page - Analog Devices AD7868BN Datasheet HTML 6Page - Analog Devices AD7868BN Datasheet HTML 7Page - Analog Devices AD7868BN Datasheet HTML 8Page - Analog Devices AD7868BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7868
–5–
REV. B
PIN FUNCTION DESCRIPTION
DIP Pin
Number
Mnemonic
Function
POWER SUPPLY
7 & 23
VDD
Positive Power Supply, 5 V
± 5%. Both V
DD pins must be tied together.
10 & 22
VSS
Negative Power Supply, –5 V
± 5%. Both V
SS pins must be tied together.
8 & 19
AGND
Analog Ground. Both AGND pins must be tied together.
6 &17
DGND
Digital Ground. Both DGND pins must be tied together.
ANALOG SIGNAL AND REFERENCE
21
VIN
ADC Analog Input. The ADC input range is
±3 V.
9VOUT
Analog Output Voltage from DAC. This output comes from a buffer amplifier. The range is
bipolar,
±3 V with RI DAC = +3 V.
20
RO ADC
Voltage Reference Output. The internal ADC 3 V reference is provided at this pin. This output may be
used as a reference for the DAC by connecting it to the RI DAC input. The external load capability of
this reference is 500
µA.
11
RO DAC
DAC Voltage Reference Output. This is one of two internal voltage references. To operate the DAC
with this internal reference, RO DAC should be connected to RI DAC. The external load capability of
the reference is 500
µA.
12
RI DAC
DAC Voltage Reference Input. The voltage reference for the DAC must be applied to this pin. It is
internally buffered before being applied to the DAC. The nominal reference voltage for correct
operation of the AD7868 is 3 V.
ADC INTERFACE AND CONTROL
2
CLK
Clock Input. An external TTL-compatible clock may be applied to this input. Alternatively, tying pin to
VSS enables the internal laser-trimmed oscillator.
3
RFS
Receive Frame Synchronization, Logic Output. This is an active low open-drain output which provides
a framing pulse for serial data. An external 4.7 k
Ω pull-up resistor is required on RFS.
4
RCLK
Receive Clock, Logic Output. RCLK is the gated serial clock output which is derived from the internal
or external ADC clock. If the CONTROL input is at VSS the clock runs continuously. With the
CONTROL input at DGND the RCLK output is gated off (three-stated) after serial transmission is
complete. RCLK is an open-drain output and requires an external 2 k
Ω pull-up resistor.
5
DR
Receive Data, Logic Output. This is an open-drain data output used in conjunction with RFS and
RCLK to transmit data from the ADC. Serial data is valid on the falling edge of RCLK when RFS is
low. An external 4.7 k
Ω resistor is required on the DR output.
1
CONVST
Convert Start, Logic Input. A low to high transition on this input puts the track-and-hold amplifier into
the hold mode and starts an ADC conversion. This input in asynchronous to the CLK input.
24
CONTROL
Control, Logic Input. With this pin at 0 V, the RCLK is noncontinuous. With this pin at –5 V, the
RCLK is continuous. Note, tying this pin to VDD places the part in a factory test mode where normal
operation is not exhibited.
DAC INTERFACE AND CONTROL
14
TFS
Transmit Frame Synchronization, Logic Input. This is a frame or synchronization signal for the DAC
with serial data expected after the falling edge of this signal.
15
DT
Transmit Data, Logic Input. This is the data input which is used in conjunction with TFS and TCLK
to transfer serial data to the input latch.
16
TCLK
Transmit Clock, Logic Input. Serial data bits are latched on the falling edge of TCLK when TFS is low.
13
LDAC
Load DAC, Logic Input. A new word is transferred into the DAC latch from the input latch on the
falling edge of this signal.
18
NC
No Connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com