Electronic Components Datasheet Search
  English  ▼

X  

REZ Datasheet(PDF) 3 Page - MERITEK ELECTRONICS CORPORATION

Part # REZ
Description  Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

REZ Datasheet(HTML) 3 Page - MERITEK ELECTRONICS CORPORATION

  REZ Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION REZ Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION REZ Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
REZ Series
(Long Life, Low Impedance)
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
50
63
Item
DxL
IMP
R.C.
DxL
IMP
R.C.
20°C
-10°C
20°C
-10°C
4.7
5x11
1.699
5.096
0.09
5x11
1.699
5.096
0.09
10
5x11
1.331
3.992
0.13
5x11
1.331
3.992
0.13
22
5x11
0.726
2.177
0.19
6.3x11
0.726
1.814
0.22
33
6.3x11
0.564
1.411
0.26
6.3x15
0.564
1.411
0.30
47
6.3x11
0.453
1.132
0.31
8x11.5
0.453
1.132
0.38
68
8x11.5
0.352
0.880
0.46
10x12.5
0.264
0.660
0.54
100
8x20
0.220
0.549
0.71
10x16
0.220
0.549
0.73
220
10x16
0.113
0.283
1.09
10x25
0.113
0.283
1.33
330
10x20
0.091
0.227
1.47
12.5x20
0.091
0.227
1.66
470
12.5x20
0.074
0.186
1.99
12.5x25
0.074
0.186
2.19
680
12.5x25
0.059
0.147
2.63
16x25
0.059
0.117
2.63
1000
16x25
0.048
0.096
3.19
16x35.5
0.048
0.096
3.17
1200
16x31.5
0.042
0.083
3.29
18x35.5
0.042
0.083
3.48
1500
16x35.5
0.035
0.071
3.44
18x40
0.035
0.071
3.87
2200
18x35.5
0.027
0.055
4.20
3300
18x40
0.023
0.046
4.97
Case size
: DxL
(mm)
Max. impedance
: Ω
100kHz
Max. ripple current
: A(rms)
105
C 100kHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com