Electronic Components Datasheet Search
  English  ▼

X  

RFX Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RFX
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RFX Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RFX Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RFX Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
RFX Series
(High R.C., High Reliability)
FEATURES
 High ripple current, low E.S.R. and long life
 Suitable for electronic ballast, adaptor and switching power
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 40 ~ +105
C
- 25 ~ +105
C
Rated Working Voltage
160 ~ 400VDC
450VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.06CV+10 (uA)
*
After 2 minutes
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
160
200
250
350
400
450
S.V.
200
250
300
400
450
500
Dissipation Factor ( tan
 )
(120Hz 20
C)
W.V.
160
200
250
350
400
450
tan
0.15
0.15
0.15
0.24
0.24
0.24
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
160~250
350~400
450
-25
C / +20C
3
6
6
-40
C / +20C
4
6
-
Load Life
After hours application (
D≤8mm 3000hrs, D ≥10mm 5000hrs) of W.V. and +105C ripple
current value, the capacitor shall meet the following limits. ( DC + ripple peak voltage
 rated
working voltage )
Capacitance Change
20% of initial value.
Dissipation Factor
 200% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +105
C no voltage application after 1000 hours. The rated voltage shall be applied to the
capacitors for a minimum of 30 minutes, at least 24 hrs and not more than 48 hrs before
measurement. Cap& DF shall meet the limits for load life characteristics, leakage current ≤ 500% of
the initial specified value.
PART NUMBER SYSTEM
DIMENSIONS (mm)
D
10
12.5
16
18
F
5.0
5.0
7.5
7.5
d
0.6
0.6
0.8
0.8
a
1.5
1.5
1.5
1.5
RFX 200V
101 M TA 16x25
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros. ‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo
Tape & Reel
Case size – (D) Diameter x (L) Length in mm (Optional)


Similar Part No. - RFX

ManufacturerPart #DatasheetDescription
logo
RFX Ltd.
RFX-21 RFX-RFX-21 Datasheet
169Kb / 1P
12 MHz ±20ppm Crystal 18pF 300 Ohms 4-SMD, No Lead
19th July 2022
RFX-21-16.0M50IY RFX-RFX-21-16.0M50IY Datasheet
169Kb / 1P
16 MHz ±20ppm Crystal 16pF 120 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-16.0M50IY10 RFX-RFX-21-16.0M50IY10 Datasheet
169Kb / 1P
16 MHz ±20ppm Crystal 16pF 120 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-16.0M50IY20 RFX-RFX-21-16.0M50IY20 Datasheet
169Kb / 1P
16 MHz ±20ppm Crystal 16pF 120 Ohms 4-SMD, No Lead
28th November 2022
RFX-21-16.0M50IY30 RFX-RFX-21-16.0M50IY30 Datasheet
169Kb / 1P
16 MHz ±20ppm Crystal 16pF 120 Ohms 4-SMD, No Lead
28th November 2022
More results

Similar Description - RFX

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com