Electronic Components Datasheet Search
  English  ▼

X  

AD7871 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7871
Description  LC2MOS Complete 14-Bit, Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7871 Datasheet(HTML) 5 Page - Analog Devices

  AD7871 Datasheet HTML 1Page - Analog Devices AD7871 Datasheet HTML 2Page - Analog Devices AD7871 Datasheet HTML 3Page - Analog Devices AD7871 Datasheet HTML 4Page - Analog Devices AD7871 Datasheet HTML 5Page - Analog Devices AD7871 Datasheet HTML 6Page - Analog Devices AD7871 Datasheet HTML 7Page - Analog Devices AD7871 Datasheet HTML 8Page - Analog Devices AD7871 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7871/AD7872
–5–
REV. D
AD7872 PIN FUNCTION DESCRIPTION
DIP
No.
Mnemonic
Function
1
CONTROL
Control Input. With this pin at 0 V, the SCLK is noncontinuous; with this pin at –5 V, the SCLK
is continuous.
2
CONVST
Convert Start. A low to high transition on this input puts the track/hold into the hold mode. This
input is asynchronous to the CLK.
3
CLK
Clock Input. An external TTL-compatible clock may be applied to this input. Alternatively, tying
this pin to VSS, enables the internal laser-trimmed oscillator.
4
SSTRB
This is an active low three-state output that provides a framing pulse for serial data. An external
4.7 k
Ω pull-up resistor is required on SSTRB.
5
SCLK
Serial Clock. SCLK is the gated serial clock output derived from the internal or external ADC
clock. If the 14/
8/CLK input is at –5 V, then the SCLK runs continuously. With CONTROL
at 0 V, it is gated off (three-state) after serial transmission is complete. SCLK is an open-drain
output and requires an external 2 k
Ω pull-up resistor.
6
SDATA
Serial Data. This is the three-state serial data output used in conjunction with SCLK and
SSTRB in
serial data transmission. Serial data is valid on the falling edge of SCLK, when
SSTRB is low. An
external 4.7 k
Ω pull-up resistor is required on SDATA.
7
NC
No Connect.
8
DGND
Digital Ground. Ground return for digital circuitry.
9VDD
Positive Supply for analog circuitry, +5 V
± 5%.
10
NC
No Connect.
11
CREF
Decoupling point for on-chip reference. Connect 10 nF capacitor between this pin and AGND.
12
AGND
Analog Ground. Ground reference for analog circuitry.
13
REF OUT
Voltage Reference Output. The internal 3 V reference is provided at this pin. The external load
capability is 500
µA.
14
VIN
Analog Input. The input range is
±3 V.
15
VSS
Negative Supply, –5 V
± 5%.
16
VDD
Positive Supply for analog circuitry, +5 V
± 5%. Pin 16 and Pin 9 should be connected together.
PIN CONFIGURATIONS
DIP
DIP, SOIC
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com