Electronic Components Datasheet Search
  English  ▼

X  

RFZ Datasheet(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Part # RFZ
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

RFZ Datasheet(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  RFZ Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION RFZ Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev. 7
Aluminum Electrolytic Capacitors
MERITEK
RFZ Series
(High R.C., Low IMP & ESR)
FEATURES
 Have a high ripple current, low IMP & E.S.R. and long life characteristics.
 Suitable for output of M/B and switching power supplies.
SPECIFICATIONS
Item
Characteristic
Operating Temp Range
- 40 ~ +105
C
Rated Working Voltage
6.3 ~ 25VDC
Capacitance Tolerance
(120Hz 20
C)
 20%(M)
Leakage Current
(20
C)
I
 0.03CV or 3 (uA)
*
Whichever is greater after 2 minutes
I : Leakage Current (
A)
C : Rated Capacitance(
F)
V : Working Voltage (V)
Surge Voltage
(20
C)
W.V.
6.3
10
16
25
S.V.
8
13
20
32
Dissipation Factor ( tan
 )
(120Hz 20
C)
Add 0.02 per 1000uF for more than 1000uF
W.V.
6.3
10
16
25
tan
0.22
0.19
0.16
0.16
Low Temperature Stability
Impedance ratio at 120Hz
Rated Voltage (V)
6.3
10
16
25
-25
C / +20C
2
2
2
2
-40
C / +20C
3
3
3
3
Load Life
After 2000 hours of W.V. and +105
C ripple current value, the capacitor shall meet the following
limits. ( DC + ripple peak voltage
 rated working voltage )
Capacitance Change
25% of initial value.
Dissipation Factor
 200% of initial specified value
Leakage Current
 initial specified value
Shelf Life
At +105
C no voltage application after 1000 hours. The capacitor shall meet the limits for load life
characteristics. ( with voltage treatment )
PART NUMBER SYSTEM
DIMENSIONS (mm)
D
8
10
12.5
F
3.5
5.0
5.0
d
0.6
0.6
0.6
a
1.5
1.5
1.5
RFZ 10V 152 M TA 8x20
Meritek Series
Rated Voltage
Rated Capacitance
Express in micro farad(uF), First two digits are
significant figures, Third digit denotes number of
zeros. ‘R’ denotes decimal point for values less
than 10uF
Tolerance
M -
20%
Package
Code
TA
TR
Blank
Tape & Ammo Tape & Reel
Case size – (D) Diameter x (L) Length in mm (Optional)


Similar Part No. - RFZ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
RFZ44N IRF-RFZ44N Datasheet
231Kb / 8P
ADVANCED PROCESS TECHNOLOGY
More results

Similar Description - RFZ

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com