Electronic Components Datasheet Search
  English  ▼

X  

AD7878 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7878
Description  LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7878 Datasheet(HTML) 4 Page - Analog Devices

  AD7878 Datasheet HTML 1Page - Analog Devices AD7878 Datasheet HTML 2Page - Analog Devices AD7878 Datasheet HTML 3Page - Analog Devices AD7878 Datasheet HTML 4Page - Analog Devices AD7878 Datasheet HTML 5Page - Analog Devices AD7878 Datasheet HTML 6Page - Analog Devices AD7878 Datasheet HTML 7Page - Analog Devices AD7878 Datasheet HTML 8Page - Analog Devices AD7878 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD7878
–4–
REV. A
PIN FUNCTION DESCRIPTION
Pin
Pin
Number
Mnemonic
Function
11
ADD0
Address Input. This control input determines whether the word placed on the output data bus during a read operation is a data
word from the FIFO RAM or the contents of the status/control register. A logic low accesses the data word from Location 0 of
the FIFO while a logic high selects the contents of the register (see Status/Control Register section).
12
CS
Chip Select. Active low logic input. The device is selected when this input is active.
13
DMWR
Dam Memory Write. Active low logic input.
DMWR is used in conjunction with CS low and ADD0 high to write data to the
status/control register. Corresponds to
DMWR (ADSP-2100), R/W (MC68000, TMS32020), WE (TMS32010).
14
DMRD
Data Memory READ. Active low logic input.
DMRD is used in conjunction with CS low to enable the three-state output buffers.
Corresponds directly to
DMRD (ADSP-2100), DEN (TMS32010).
15
BUSY
Active Low Logic Output. This output goes low when the ADC receives a
CONVST pulse and remains low until the track/hold
has gone into its hold mode. The three-state drivers of the AD7878 can be disabled while the
BUSY signal is low (see Extended
READ/WRITE section). This is achieved by writing a logic 0 to DB5 (
DISO) of the status/control register. Writing a logic 1 to
DB5 of the status/control register allows data to be accessed from the AD7878 while BUSY is low.
16
ALFL
FIFO Almost Full. A logic low indicates that the word count (i.e., number of conversion results) in the FIFO memory has
reached the programmed word count in the status/control register.
ALFL is updated at the end of each conversion. The ALFL
output is reset to a logic high when a word is read from the FIFO memory and the word count is less than the preprogrammed
word count. It can also be set high by writing a logic 1 to DB7 (
ENAF) of the status/control register.
17
DGND
Digital Ground. Ground reference for digital circuitry.
18VCC
Digital supply voltage, +5 V
± 5%. Positive supply voltage for digital circuitry.
19
DB11
Data Bit 11 (MSB). Three-state TTL output. Coding for the data words in FIFO RAM is twos complement.
10–15
DB10–DB5
Data Bit 10 to Data Bit 5. Three-state TTL input/outputs.
16–19
DB4–DB1
Data Bit 4 to Data Bit 1. Three-state TTL outputs.
20
DB0
Data Bit 0 (LSB). Three-state TTL output.
21
VDD
Analog positive supply voltage, +5 V
± 5%.
22
AGND
Analog Ground. Ground reference for track/hold, reference and DAC.
23
REF OUT
Voltage Reference Output. The internal 3 V analog reference is provided at this pin. The external load capability of the reference
is 500
µA.
24
VIN
Analog Input. Analog input range is
±3 V.
25
VSS
Analog negative supply voltage, –5 V
± 5%.
26
CONVST
Convert Start. Logic input. A low to high transition on this input puts the track/hold into its hold mode and starts conversion.
The
CONVST input is asynchronous to CLK IN and independent of CS, DMWR and DMRD.
27
RESET
Reset. Active low logic input. A logic low sets the words in FIFO memory to 1000 0000 0000 and resets the
ALFL output and
status/control register.
28
CLK IN
Clock Input. TTL-compatible logic input. Used as the clock source for the A/D converter. The mark-space ratio of this clock can
vary from 35/65 to 65/35.
PIN CONFIGURATIONS
LCCC
PLCC
DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com