Electronic Components Datasheet Search
  English  ▼

X  

AD7880 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7880
Description  LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7880 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7880 Datasheet HTML 7Page - Analog Devices AD7880 Datasheet HTML 8Page - Analog Devices AD7880 Datasheet HTML 9Page - Analog Devices AD7880 Datasheet HTML 10Page - Analog Devices AD7880 Datasheet HTML 11Page - Analog Devices AD7880 Datasheet HTML 12Page - Analog Devices AD7880 Datasheet HTML 13Page - Analog Devices AD7880 Datasheet HTML 14Page - Analog Devices AD7880 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7880
REV. 0
–11–
V+
+
–
C1
10µF
C2
0.1µF
IC1
ANALOG
INPUT
V+
V–
AB
V–
AB
LK2
LK3
TO ADC
LK1
SKT1
C3
10µF
C4
0.1µF
V+
V
DD
Figure 21. Analog Input Buffering
When it is required to drive the AD7880 with the 0 V to 10 V
input range, an external supply must be connected to V+ (see
Figure 21).
In bipolar operation, positive and negative supplies must be
connected to V+ and V–.
The AD711 is a general purpose op amp which could be used
to drive the analog input of the AD7880.
POWER-DOWN CONTROL (MODE INPUT)
The AD7880 is designed for systems which need to have mini-
mum power consumption. This includes such applications as
hand held, portable battery powered systems and remote moni-
toring systems. As well as consuming minimum power under
normal operating conditions, typically 20 mW, the AD7880
can be put into a power-down or sleep mode when not required
to convert signals. When in this power-down mode, the
AD7880 consumes approximately 2 mW of power.
The AD7880 is powered down by bringing the MODE input
pin to a Logic Low in conjunction with keeping the RD input
control High. The AD7880 will remain in the power-down
mode until MODE is brought to a Logic High again. The
MODE input should be driven with CD4000 or HCMOS logic
levels.
It is recommended that one “dummy” conversion be imple-
mented before reading conversion data from the AD7880 after
it has been in the power-down mode. This is required to reset
all internal logic and control circuitry. In a remote monitoring
system where, say, 10 conversions are required to be taken with
a sampling interval of 1 second, an additional 11th conversion
must be carried out. Figure 22 gives a plot of power consumption
01
2
TIME – secs
POWER
CONSUMPTION – mW
20
2
CONVERTING
POWER-DOWN
CONVERTING
POWER-DOWN
1.65 x 10
4
–
Figure 22. Power Consumption for Normal Operation
and Power-Down Operation vs. Time
APPLICATION HINTS
Good printed circuit board (PCB) layout is as important as the
circuit design itself in achieving high speed A/D performance.
The AD7880’s comparator is required to make bit decisions on
an LSB size of 1.22 mV. To achieve this, the designer must be
conscious of noise both in the ADC itself and in the preceding
analog circuitry. Switching mode power supplies are not recom-
mended, as the switching spikes will feed through to the com-
parator causing noisy code transitions. Other causes of concern
are ground loops and digital feedthrough from microprocessors.
These are factors which influence any ADC, and a proper PCB
layout which minimizes these effects is essential for best
performance.
LAYOUT HINTS
Ensure that the layout for the printed circuit board has the digi-
tal and analog signal lines separated as much as possible. Take
care not to run digital tracks alongside analog signal tracks.
Guard (screen) the analog input with AGND.
Establish a single point analog ground (star ground) separate
from the logic system ground at the AD7880 AGND pin or as
close as possible to the AD7880. Connect all other grounds and
the AD7880 DGND to this single analog ground point. Do not
connect any other digital grounds to this analog ground point.
Low impedance analog and digital power supply common re-
turns are essential to low noise operation of the ADC, so make
the foil width for these tracks as wide as possible. The use of
ground planes minimizes impedance paths and also guards the
analog circuitry from digital noise. The circuit layout of Fig-
ures 26 and 27 have both analog and digital ground planes
which are kept separated and only joined together at the
AD7880 AGND pin.
NOISE
Keep the input signal leads to VIN and signal return leads from
AGND as short as possible to minimize input noise coupling. In
applications where this is not possible, use a shielded cable be-
tween the source and the ADC. Reduce the ground circuit im-
pedance as much as possible since any potential difference in
grounds between the signal source and the ADC appears as an
error voltage in series with the input signal.
ANALOG INPUT BUFFERING
To achieve specified performance, it is recommended that the
analog input (VINA, VINB) be driven from a low impedance
source. This necessitates the use of an input buffer amplifier.
The choice of op amp will be a function of the particular appli-
cation and the desired analog input range. The data acquisition
circuit, described in this data sheet allows for various op amp
configurations. Figure 21 shows the analog input buffer circuit.
The options available to drive the supply of the op amp are:
Single +5 V (derived from PCB 5 V supply)
Dual Supply (externally supplied to V+ and V–)
±5 V, ±12 V or ±15 V
The simplest configuration is the 0 V to 5 V range of Figure 5.
A single supply 5 V op amp is recommended for such an imple-
mentation. This will allow for operation of the AD7880 in the 0
V to 5 V unipolar range without supplying an external supply to
V+ and V–. The 5 V supply is derived from the systems
+5 V VDD supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com