Electronic Components Datasheet Search
  English  ▼

X  

AD7817ARZ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7817ARZ
Description  Single- and 4-Channel, 9 us, 10-Bit ADCs with On-Chip Temperature Sensor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7817ARZ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7817ARZ Datasheet HTML 12Page - Analog Devices AD7817ARZ Datasheet HTML 13Page - Analog Devices AD7817ARZ Datasheet HTML 14Page - Analog Devices AD7817ARZ Datasheet HTML 15Page - Analog Devices AD7817ARZ Datasheet HTML 16Page - Analog Devices AD7817ARZ Datasheet HTML 17Page - Analog Devices AD7817ARZ Datasheet HTML 18Page - Analog Devices AD7817ARZ Datasheet HTML 19Page - Analog Devices AD7817ARZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. C
–16–
AD7816/AD7817/AD7818
Read Operation
Figure 20 shows the timing diagram for a serial read from the
AD7817.
CS is brought low to enable the serial interface and RD/
WR is set logic high to indicate that the data transfer is a serial read
from the AD7817. The rising edge of RD/
WR clocks out the first
data bit (DB9), subsequent bits are clocked out on the falling edge
of SCLK (except for the first falling SCLK edge) and are valid on
the rising edge. 10 bits of data are transferred during a read opera-
tion. However, the user has the choice of clocking only eight bits if
the full 10 bits of the conversion result are not required. The serial
data can be accessed in a number of bytes if 10 bits of data are
being read. However, RD/
WR must remain high for the duration of
the data transfer operation. Before starting a new data read opera-
tion the RD/
WR signal must be brought low and high again. At the
end of the read operation, the DOUT line enters a high impedance
state on the rising edge of the
CS or the falling edge of RD/WR,
whichever occurs first. The readback process is a destructive
process in that once the data is read back it is erased. A conversion
must be done again; otherwise no data will be read back.
Write Operation
Figure 20 also shows a control byte write operation to the AD7817.
The RD/
WR input goes low to indicate to the part that a serial
write is about to occur. The AD7817 control byte is loaded on
the rising edge of the first eight clock cycles of the serial clock
with data on all subsequent clock cycles being ignored. To carry
out a second successive write operation, the RD/
WR signal must
be brought high and low again.
Simplifying the Serial Interface
To minimize the number of interconnect lines to the AD7817,
the user can connect the
CS line to DGND. This is possible if
the AD7817 is not sharing the serial bus with another device. It
is also possible to tie the DIN and DOUT lines together. This
arrangement is compatible with the 8051 microcontroller. The
68HC11, 68HC05, and PIC16Cxx can be configured to operate
with a single serial data line. In this way the number of lines
required to operate the serial interface can be reduced to three,
i.e., RD/
WR, SCLK, and D
IN/OUT (see Figure 6).
AD7816 AND AD7818 SERIAL INTERFACE MODE
The serial interface on the AD7816 and AD7818 is a 3-wire
interface with read and write capabilities. Data is read from the
DB9
DB8
DB7
DB0
DB1
DB7
DB6
DB5
DB1
DB0
SCLK
DIN
13
2
123
910
RD/
WR
CS
t4
t7
t10
t14a
t14b
t13
t12
t11
t8
t 9
t5
t6
8
7
CONTROL BYTE
DOUT
Figure 20. AD7817 Serial Interface Timing Diagram
output register and the control byte is written to the AD7816
and AD7818 via the DIN/OUT line. The part operates in a slave
mode and requires an externally applied serial clock to the SCLK
input to access data from the data register or write the control
byte. The RD/
WR line is used to determine whether data is
being written to or read from the AD7816 and AD7818. When
data is being written to the devices the RD/
WR line is set logic
low and when data is being read from the part the line is set
logic high (see Figure 21). The serial interface on the AD7816
and AD7818 are designed to allow the part to be interfaced to
systems that provide a serial clock that is synchronized to the
serial data, such as the 80C51, 87C51, 68HC11, 68HC05, and
PIC16Cxx microcontrollers.
Read Operation
Figure 21 shows the timing diagram for a serial read from the
AD7816 and AD7818. The RD/
WR is set logic high to indicate
that the data transfer is a serial read from the devices. When
RD/
WR is logic high the D
IN/OUT pin becomes a logic output
and the first data bit (DB9) appears on the pin. Subsequent bits
are clocked out on the falling edge of SCLK, starting with the
second SCLK falling edge after RD/
WR goes high and are valid
on the rising edge of SCLK. Ten bits of data are transferred
during a read operation. However the user has the choice of
clocking only eight bits if the full 10 bits of the conversion result
are not required. The serial data can be accessed in a number of
bytes if 10 bits of data are being read; however, RD/
WR must
remain high for the duration of the data transfer operation. To
carry out a successive read operation the RD/
WR pin must be
brought logic low and high again. At the end of the read opera-
tion, the DIN/OUT pin becomes a logic input on the falling edge
of RD/
WR.
Write Operation
A control byte write operation to the AD7816 and AD7818 is
also shown in Figure 21. The RD/
WR input goes low to indicate
to the part that a serial write is about to occur. The AD7816
and AD7818 control bytes are loaded on the rising edge of the
first eight clock cycles of the serial clock with data on all subse-
quent clock cycles being ignored. To carry out a successive write
to the AD7816 or AD7818 the RD/
WR pin must be brought
logic high and low again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com