Electronic Components Datasheet Search
  English  ▼

X  

AD7883BN Datasheet(PDF) 10 Page - Analog Devices

Part # AD7883BN
Description  LC2MOS 12-Bit, 3.3 V Sampling ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7883BN Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7883BN Datasheet HTML 4Page - Analog Devices AD7883BN Datasheet HTML 5Page - Analog Devices AD7883BN Datasheet HTML 6Page - Analog Devices AD7883BN Datasheet HTML 7Page - Analog Devices AD7883BN Datasheet HTML 8Page - Analog Devices AD7883BN Datasheet HTML 9Page - Analog Devices AD7883BN Datasheet HTML 10Page - Analog Devices AD7883BN Datasheet HTML 11Page - Analog Devices AD7883BN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7883
REV. 0
–10–
POWER-DOWN CONTROL (MODE INPUT)
The AD7883 is designed for systems which need to have mini-
mum power consumption. This includes such applications as
hand held, portable battery powered systems and remote moni-
toring systems. As well as consuming minimum power under
normal operating conditions, typically 8 mW, the AD7883 can
be put into a power-down or sleep mode when not required to
convert signals. When in this power-down mode, the AD7883
consumes 1 mW of power.
The AD7883 is powered down by bringing the MODE input
pin to a Logic Low in conjunction with keeping the RD input
control High. The AD7883 will remain in the power-down
mode until MODE is brought to a Logic High again. The
MODE input should be driven with CD4000 or HCMOS logic
levels.
It is recommended that one “dummy” conversion be imple-
mented before reading conversion data from the AD7883 after it
has been in the powerdown mode. This is required to reset all
internal logic and control circuitry. Allow one clock cycle before
doing the dummy conversion. In a remote monitoring system
where, say, 10 conversions are required to be taken with a sam-
pling interval of 1 second, an additional 11th conversion must
be carried out. Figure 14 gives a plot of power consumption as a
function of time for such operation. The total conversion time
for each cycle is 11
× 20 µs (where 20 µs is the time taken for a
single conversion) corresponding to 2.2
× 10–4 secs.
0
1
2
TIME – secs
POWER
CONSUMPTION
– mW
8
1
CONVERTING
POWER-DOWN
CONVERTING
POWER-DOWN
2.2 x 10
–4
Figure 14. Power Consumption for Normal Operation and
Power-Down Operation vs. Time
Hence:
Average Power
= PowerCONVERTING + PowerPOWER-DOWN
= {8 mW
× (2.2 × 10–4)}
+ {1 mW
× (0.9998)}
= 1.0015 mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com