Electronic Components Datasheet Search
  English  ▼

X  

AD7884 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7884
Description  LC2MOS 16-Bit, High Speed Sampling ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7884 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7884 Datasheet HTML 8Page - Analog Devices AD7884 Datasheet HTML 9Page - Analog Devices AD7884 Datasheet HTML 10Page - Analog Devices AD7884 Datasheet HTML 11Page - Analog Devices AD7884 Datasheet HTML 12Page - Analog Devices AD7884 Datasheet HTML 13Page - Analog Devices AD7884 Datasheet HTML 14Page - Analog Devices AD7884 Datasheet HTML 15Page - Analog Devices AD7884 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7884/AD7885
REV. C
–12–
The second way is to use the BUSY output of the AD7884 to
generate an interrupt in the MC68000. Because of the nature of
its interrupts, the MC68000 requires additional logic (not
shown in Figure 18) to allow it to be interrupted correctly. For
full information on this, consult the MC68000 User’s Manual.
AD7884 to 80286 Interface
The 80286 is an advanced high performance processor with spe-
cial capabilities aimed at multiuser and multitasking systems.
Figure 19 shows an interface configuration for the AD7884 to
such a system. Note that only signals relevant to the AD7884
are shown. For the full 80286 configuration refer to the iAPX
286 data sheet (Basic System Configuration).
In Figure 19 conversion is started by writing to a selected ad-
dress and causing it CS2 to go low. When conversion is com-
plete, BUSY goes high and initiates an interrupt. The processor
can then read the conversion result.
82288 BUS
CONTROLLER
MRDC
CLK
82284 CLOCK
GENERATOR
CLK
8282 OR
8283
LATCH
8286 OR 8287
TRANSCEIVER
DECODE
CIRCUITRY
CS1
CS2
8259A
INTERRUPT
CONTROLLER
CLK
80286
CPU
D
– D
15
0
A
– A
23
0
AD7884
RD
CS
CONVST
DB15
DB0
BUSY
IR – IR
07
MEMORY READ
Figure 19. AD7884 Interfacing to Basic iAPX 286 System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com