Electronic Components Datasheet Search
  English  ▼

X  

SRB Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SRB
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SRB Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SRB Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SRB Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
Rev. 7
 
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SRB Series
(General Purpose)
DIMENSIONS (mm)
Φ D
L
A
H
I
W
P
K
Φ 4.0
5.4
4.3
5.5MAX
1.8
0.65±0.1
1.0
0.35
+0.15
-0.20
Φ 5.0
5.4
5.3
6.5MAX
2.2
0.65±0.1
1.5
0.35
+0.15
-0.20
Φ 6.3
5.4
6.6
7.8MAX
2.6
0.65±0.1
2.1
0.35
+0.15
-0.20
Φ 8.0
6.2
8.3
9.5MAX
3.4
0.65±0.1
2.2
0.35
+0.15
-0.20
Φ 8.0
10.2
8.3
10.0MAX
3.4
0.90±0.2
3.1
0.70 ± 0.2
Φ 10.0 10.2
10.3 12.0MAX
3.5
0.90±0.2
4.6
0.70 ± 0.2
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(uF)
V
4
6.3
10
16
25
35
50
Item
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
DxL
R.C.
0.1
0R1
4x5.4
3
0.22 R22
4x5.4
4
0.33 R33
4x5.4
5
0.47 R47
4x5.4
6
1
010
4x5.4
9
2.2
2R2
4x5.4
13
3.3
3R3
4x5.4
16
4.7
4R7
4x5.4
17
4x5.4
19
5x5.4
21
10
100
4x5.4
24
5x5.4
29
5x5.4
31
6.3x5.4
36
22
220
4x5.4
27
5x5.4
36
5x5.4
40
6.3x5.4
49
6.3x5.4
55
8x6.2
110
33
330
4x5.4
29
5x5.4
38
5x5.4
44
6.3x5.4
55
6.3x5.4
60
8x6.2
120
8x6.2
130
47
470
4x5.4
35
5x5.4
46
6.3x5.4
60
6.3x5.4
65
8x6.2
100
8x6.2
140
8x10.2
190
100
101
5x5.4
60
6.3x5.4
70
6.3x5.4
80
6.3x5.4
90
8x6.2
150
8x10.2
250
10x10.2
310
8x6.2
130
8x6.2
140
220
221
6.3x5.4
80
8x6.2
150
8x6.2
190
8x10.2
260
8x10.2
270
10x10.2
440
10x10.2
460
330
331
8x6.2
140
8x6.2
180
8x10.2
290
8x10.2
310
10x10.2
450
10x10.2
540
470
471
8x10.2
210
8x10.2
260
10x10.2
420
10x10.2
450
1000 102
8x10.2
300
10x10.2
460
10x10.2
610
1500 152
10x10.2
440
10x10.2
560
Cap.
(uF)
V
63
100
Item
DxL
R.C.
DxL
R.C.
3.3
3R3
8x6.2
41
4.7
4R7
8x10.2
60
10
100
8x10.2
85
22
220
8x10.2
120
10x10.2
150
33
330
8x10.2
140
10x10.2
180
47
470
10x10.2
190
100
101
10x10.2
280
Case size
: D x L
(mm)
Max ripple current
: mA(rms) 85°C 120Hz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com