Electronic Components Datasheet Search
  English  ▼

X  

AD7887 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7887
Description  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7887 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7887 Datasheet HTML 8Page - Analog Devices AD7887 Datasheet HTML 9Page - Analog Devices AD7887 Datasheet HTML 10Page - Analog Devices AD7887 Datasheet HTML 11Page - Analog Devices AD7887 Datasheet HTML 12Page - Analog Devices AD7887 Datasheet HTML 13Page - Analog Devices AD7887 Datasheet HTML 14Page - Analog Devices AD7887 Datasheet HTML 15Page - Analog Devices AD7887 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
REV. B
AD7887
–13–
SCLK
CS
DOUT
DIN
CONTROL REGISTER DATA IS LOADED ON
THE FIRST 8 CLOCKS. PM1 = 1 AND PM0 = 1
1
16
PM1 = 1 AND PM0 = 1 TO KEEP
THE PART IN THIS MODE
1
16
THE PART POWERS UP
FROM STANDBY ON SCLK
FALLING EDGE AS PM1 = 1
AND PM0 = 1
THE PART ENTERS
STANDBY AT THE END OF
CONVERSION AS
PM1 = 1 AND PM0 = 1
4 LEADING ZEROS + CONVERSION RESULT
DATA IN
4 LEADING ZEROS + CONVERSION RESULT
DATA IN
Figure 16. Mode 4 Operation
SERIAL INTERFACE
Figure 17 shows the detailed timing diagrams for serial interfac-
ing to the AD7887. The serial clock provides the conversion
clock and also controls the transfer of information to and from
the AD7887 during conversion.
CS initiates the data transfer and conversion process. For some
modes, the falling edge of CS wakes up the part. In all cases, it
gates the serial clock to the AD7887 and puts the on-chip track/
hold into track mode. The input signal is sampled on the second
rising edge of the SCLK input after the falling edge of CS. Thus,
the first one and one-half clock cycles after the falling edge of
CS are when the acquisition of the input signal takes place. This
time is denoted as the acquisition time (tACQ). In modes where
the falling edge of CS wakes up the part, the acquisition time
must allow for the wake-up time of 5
µs. The on-chip track/hold
goes from track mode to hold mode on the second rising edge of
SCLK and a conversion is also initiated on this edge. The con-
version process takes a further fourteen and one-half SCLK
cycles to complete. The rising edge of CS will put the bus back
into three-state. If CS is left low a new conversion will be initiated.
In dual-channel operation, the input channel that is sampled is
the one that was selected in the previous write to the Control
Register. Thus, in dual-channel operation the user must write
ahead the channel for conversion. In other words, the user must
write the channel address for the next conversion while the
present conversion is in progress.
Writing of information to the Control Register takes place on the
first eight rising edges of SCLK in a data transfer. The Control
Register is always written to when a data transfer takes place.
However, the AD7887 can be operated in a read-only mode by
tying DIN low, thereby loading all 0s to the Control Register
every time. When operating the AD7887 in write/read mode, the
user must be careful to always set up the correct information on
the DIN line when reading data from the part.
Sixteen serial clock cycles are required to perform the conversion
process and to access data from the AD7887. In applications
where the first serial clock edge, following CS going low, is a
falling edge, this edge clocks out the first leading zero. Thus, the
first rising clock edge on the SCLK clock has the first leading
zero provided. In applications where the first serial clock edge,
following CS going low, is a rising edge, the first leading zero
may not be set up in time for the processor to read it correctly.
However, subsequent bits are clocked out on the falling edge of
SCLK so that they are provided to the processor on the follow-
ing rising edge. Thus, the second leading zero is clocked out on
the falling edge subsequent to the first rising edge. The final bit
in the data transfer is valid on the sixteenth rising edge, having
being clocked out on the previous falling edge.
DONTC
ZERO
ZERO
REF
SIN/DUAL
CH
PM1
PM0
SCLK
15
6
15
DOUT
DIN
23
4
16
t1
tACQ
tCONVERT
t2
t6
t7
t3
t8
DB11
DB0
DB10
DB9
THREE-
STATE
4 LEADING ZEROS
CS
THREE-
STATE
t4
t5
Figure 17. Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com