Electronic Components Datasheet Search
  English  ▼

X  

SRE Datasheet(PDF) 2 Page - MERITEK ELECTRONICS CORPORATION

Part # SRE
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERITEK [MERITEK ELECTRONICS CORPORATION]
Direct Link  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

SRE Datasheet(HTML) 2 Page - MERITEK ELECTRONICS CORPORATION

  SRE Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION SRE Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
 
 
 
Rev. 7
 
Surface Mount Aluminum
Electrolytic Capacitors
MERITEK
SRE Series
(Low Impedence, 105°C)
DIMENSIONS (mm)
Φ D
L
A
H
I
W
P
K
Φ 4.0
5.8
4.3
5.5MAX
1.8
0.65±0.1
1.0
0.35
+0.15
-0.20
Φ 5.0
5.8
5.3
6.5MAX
2.2
0.65±0.1
1.5
0.35
+0.15
-0.20
Φ 6.3
5.8
6.6
7.8MAX
2.6
0.65±0.1
2.1
0.35
+0.15
-0.20
Φ 6.3
7.7
6.6
7.8MAX
2.6
0.65±0.1
2.1
0.35
+0.15
-0.20
Φ 8.0
10.2
8.3
10.0MAX
3.4
0.90±0.2
3.1
0.70 ± 0.2
Φ 10.0 10.2
10.3 12.0MAX
3.5
0.90±0.2
4.6
0.70 ± 0.2
CASE SIZE & MAX RIPPLE CURRENT
Cap.
(µF)
V
6.3
10
16
25
35
50
Item
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
DxL
IMP. R.C.
1.0
010
4x5.8 5.00 30
2.2
2R2
4x5.8 5.00 30
3.3
3R3
4x5.8 5.00 30
4.7
4R7
4x5.8 1.80 80
5x5.8 1.52 85
6.8
6R8
5x5.8 1.20 120
5x5.8 1.20 120
10
100
4x5.8 1.80 80
4x5.8 1.80 80
5x5.8 0.76 150 6.3x5.8 0.88 165
15
150
4x5.8 1.80 80
5x5.8 0.76 150
5x5.8 0.76 150 6.3x5.8 0.88 165
22
220
4x5.8 1.80 80
5x5.8 0.76 150
5x5.8 0.76 150
5x5.8 0.76 150 6.3x5.8 0.88 165
27
270
4x5.8 1.80 80
5x5.8 0.76 150
5x5.8 0.76 150 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x7.7 0.68 185
33
330
5x5.8 0.76 150
5x5.8 0.76 150 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x7.7 0.68 185
47
470
5x5.8 0.76 150 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x7.7 0.68 185
56
560
5x5.8 0.76 150 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x7.7 0.34 280 8x10.2 0.34 300
68
680 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x7.7 0.34 280 8x10.2 0.34 300
100
101 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x7.7 0.34 280 8x10.2 0.17 450 8x10.2 0.34 300
150
151 6.3x5.8 0.44 230 6.3x5.8 0.44 230 6.3x7.7 0.34 280 8x10.2 0.17 450 8x10.2 0.17 450 10x10.2 0.18 670
220
221 6.3x5.8 0.44 230 6.3x7.7 0.34 280 6.3x7.7 0.34 280 8x10.2 0.17 450 8x10.2 0.17 450 10x10.2 0.18 670
330
331 6.3x7.7 0.34 280 8x10.2 0.17 450 8x10.2 0.17 450 8x10.2 0.17 450 10x10.2 0.09 670
470
471 8x10.2 0.17 450 8x10.2 0.17 450 8x10.2 0.17 450 10x10.2 0.09 670
680
681 8x10.2 0.17 450 10x10.2 0.09 670 10x10.2 0.09 670
1000
102 8x10.2 0.17 450 10x10.2 0.09 670
1500
152 10x10.2 0.09 670
Case size
: D x L
(mm)
Max Impedance
: Ω
20°C 100kHz
Max ripple current
: mA(rms) 105°C 100kHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com