Electronic Components Datasheet Search
  English  ▼

X  

AD7891 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7891
Description  LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7891 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7891 Datasheet HTML 12Page - Analog Devices AD7891 Datasheet HTML 13Page - Analog Devices AD7891 Datasheet HTML 14Page - Analog Devices AD7891 Datasheet HTML 15Page - Analog Devices AD7891 Datasheet HTML 16Page - Analog Devices AD7891 Datasheet HTML 17Page - Analog Devices AD7891 Datasheet HTML 18Page - Analog Devices AD7891 Datasheet HTML 19Page - Analog Devices AD7891 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
AD7891
–18–
REV. A
AD7891 PERFORMANCE
Linearity
The Linearity of the AD7891 is primarily determined by the on-
chip 12-bit D/A converter. This is a segmented DAC which is
laser trimmed for 12-bit integral linearity and differential linear-
ity. Typical INL for the AD7891 is
±0.25 LSB while typical
DNL is
±0.5 LSB.
Noise
In an A/D converter, noise exhibits itself as code uncertainty in
dc applications and as the noise floor (in an FFT for example)
in ac applications. In a sampling A/D such as the AD7891, all
information about the analog input appears in the baseband
from dc to half the sampling frequency. The input bandwidth of
the track/hold amplifier exceeds the Nyquist bandwidth and,
therefore, an antialiasing filter should be used to remove un-
wanted signals above fS/2 in the input signal in applications
where such signals exist.
Figure 17 shows a histogram plot for 16384 conversions of a dc
input signal using the AD7891-1. The analog input was set at
the center of a code transition in the following way. An initial dc
input level was selected and a number of conversions were
made. The resulting histogram was noted and the applied level
was adjusted so that only two codes were generated with an
equal number of occurrences. This indicated that the transition
point between the two codes had been found. The voltage level
at which this occurred was recorded. The other edge of one of
these two codes was then found in a similar manner. The dc
level for the center of code could then be calculated as the aver-
age of the two transition levels. The AD7891-1 inputs were
configured for
±5 V input range and the data was read from the
part in parallel mode, after conversion. Similar results have been
found with the AD7891-1 on the
±10 V range and on all input
ranges of the AD7891-2. The same performance is achieved in
serial mode, again with the data read from the AD7891-1 after
conversion. All the codes, except for 3, appear in one output
bin, indicating excellent noise performance from the ADC.
OUTPUT CODE
18000
16000
0
2148
2149
2150
8000
6000
4000
2000
12000
10000
14000
16381 Codes
1 Code
2 Codes
Figure 17. Typical Histogram Plot (AD7891-1)
Dynamic Performance
The AD7891 contains an on-chip track/hold amplifier, allowing
the part to sample input signals of up to 250 kHz on any of its
input channels. Many of the AD7891’s applications will simply
require it to sequence through low frequency input signals
across its eight channels. There may be some applications, how-
ever, for which the dynamic performance of the converter on
signals of up to 250 kHz input frequency is of interest. It is
recommended for these wider bandwidth signals that hardware
conversion start method of sampling is used.
These applications require information on the spectral content
of the input signal. Signal to (noise + distortion), total harmonic
distortion, peak harmonic or spurious tone and intermodulation
distortion are all specified. Figure 18 shows a typical FFT plot
of a 10 kHz,
±10 V input after being digitized by the AD7891-1
operating at 500 kHz, with the input connected for
±10 V opera-
tion. The signal to (noise + distortion) ratio is 72.2 dB and the
total harmonic distortion is –87 dB. Figure 19 shows a typical
FFT plot of a 100 kHz, 0 V to +5 V input after being digitized
by the AD7891-2 operating at 500 kHz, with the input connected
for 0 V to +5 V operation. The signal to (noise + distortion)
ratio is 71.17 dB and the total harmonic distortion is –82.3 dB.
It should be noted that reading from the part during conversion
does have a significant impact on dynamic performance. There-
fore, for sampling applications, it is recommended not to read
during conversion.
0
–30
–150
–60
–90
–120
FS/2
2048 POINT FFT
SNR = 72.2dB
Figure 18. Typical AD7891-1 FFT Plot
0
–30
–150
–60
–90
–120
FS/2
2048 POINT FFT
SNR = 71.17dB
Figure 19. Typical AD7891-2 FFT Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com