Electronic Components Datasheet Search
  English  ▼

X  

AD7893 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7893
Description  LC2MOS 12-Bit, Serial 6 us ADC in 8-Pin Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7893 Datasheet(HTML) 1 Page - Analog Devices

  AD7893 Datasheet HTML 1Page - Analog Devices AD7893 Datasheet HTML 2Page - Analog Devices AD7893 Datasheet HTML 3Page - Analog Devices AD7893 Datasheet HTML 4Page - Analog Devices AD7893 Datasheet HTML 5Page - Analog Devices AD7893 Datasheet HTML 6Page - Analog Devices AD7893 Datasheet HTML 7Page - Analog Devices AD7893 Datasheet HTML 8Page - Analog Devices AD7893 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FUNCTIONAL BLOCK DIAGRAM
AGND
VDD
DGND
SCLK
CONVST
AD7893
VIN
SDATA
REF IN
TRACK/
HOLD
*AD7893-5, AD7893-10, AD7893-3
SIGNAL
SCALING*
12-BIT
ADC
OUTPUT
REGISTER
REV. E
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
LC2MOS 12-Bit, Serial 6 s
ADC in 8-Pin Package
AD7893
FEATURES
Fast 12-Bit ADC with 6
s Conversion Time
8-Pin Mini-DlP and SOIC
Single Supply Operation
High Speed, Easy-to-Use, Serial Interface
On-Chip Track/Hold Amplifier
Selection of Input Ranges
10 V for AD7893-10
2.5 V for AD7893-3
0 V to +2.5 V for AD7893-2
0 V to +5 V for AD7893-5
Low Power: 25 mW typ
GENERAL DESCRIPTION
The AD7893 is a fast, 12-bit ADC that operates from a single
+5 V supply and is housed in a small 8-pin mini-DIP and 8-pin
SOIC. The part contains a 6
µs successive approximation A/D
converter, an on-chip track/hold amplifier, an on-chip clock and
a high speed serial interface.
Output data from the AD7893 is provided via a high speed,
serial interface port. This two-wire serial interface has a serial
clock input and a serial data output with the external serial clock
accessing the serial data from the part.
In addition to traditional dc accuracy specifications such as lin-
earity, full-scale and offset errors, the AD7893 is also specified
for dynamic performance parameters, including harmonic dis-
tortion and signal-to-noise ratio.
The part accepts an analog input range of
±10 V (AD7893-10),
±2.5 V (AD7893-3), 0 V to +5 V (AD7893-5) or 0 V to +2.5 V
(AD7893-2) and operates from a single +5 V supply, consuming
only 25 mW typical.
The AD7893 is fabricated in Analog Devices’ Linear Compat-
ible CMOS (LC
2MOS) process, a mixed technology process
that combines precision bipolar circuits with low power CMOS
logic. The part is available in a small, 8-pin, 0.3" wide, plastic or
hermetic dual-in-line package (mini-DIP) and in an 8-pin, small
outline IC (SOIC).
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
PRODUCT HIGHLIGHTS
1. Fast, 12-Bit ADC in 8-Pin Package
The AD7893 contains a 6
µs ADC, a track/hold amplifier,
control logic and a high speed serial interface, all in an 8-pin
package. This offers considerable space saving over alterna-
tive solutions.
2. Low Power, Single Supply Operation
The AD7893 operates from a single +5 V supply and con-
sumes only 25 mW. This low power, single supply operation
makes it ideal for battery powered or portable applications.
3. High Speed Serial Interface
The part provides high speed serial data and serial clock lines,
allowing for an easy, two-wire serial interface arrangement.


Similar Part No. - AD7893

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7893 AD-AD7893 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893 Datasheet
375Kb / 13P
LC2MOS 12-Bit ADC in 8-Pin Package
23-Feb-2017
AD7893AN-10 AD-AD7893AN-10 Datasheet
343Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
More results

Similar Description - AD7893

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7576 AD-AD7576 Datasheet
772Kb / 8P
LC2MOS 10 us uP-Compatible 8-Bit ADC
AD7893ARZ-5 AD-AD7893ARZ-5 Datasheet
343Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ARZ-3 AD-AD7893ARZ-3 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7893ANZ-10 AD-AD7893ANZ-10 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6 ms ADC in 8-Pin Package
REV. E
AD7895ARZ-10REEL AD-AD7895ARZ-10REEL Datasheet
263Kb / 12P
5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
REV. 0
AD7893ARZ-2 AD-AD7893ARZ-2 Datasheet
272Kb / 12P
LC2MOS 12-Bit, Serial 6s ADC in 8-Pin Package
REV. E
AD7893 AD-AD7893_15 Datasheet
343Kb / 12P
LC MOS 12-Bit, Serial 6s ADC in 8-Pin Package
Rev. E
AD7895 AD-AD7895_15 Datasheet
317Kb / 12P
5 V, 12-Bit, Serial 3.8s ADC in 8-Pin Package
REV. 0
AD7893 AD-AD7893_17 Datasheet
375Kb / 13P
LC2MOS 12-Bit ADC in 8-Pin Package
23-Feb-2017
AD7895 AD-AD7895_17 Datasheet
348Kb / 13P
5 V, 12-Bit, Serial 3.8 ADC in 8-Pin Package
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com