Electronic Components Datasheet Search
  English  ▼

X  

AD7894 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7894
Description  5 V, 14-Bit Serial, 5 ms ADC in SO-8 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7894 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7894 Datasheet HTML 2Page - Analog Devices AD7894 Datasheet HTML 3Page - Analog Devices AD7894 Datasheet HTML 4Page - Analog Devices AD7894 Datasheet HTML 5Page - Analog Devices AD7894 Datasheet HTML 6Page - Analog Devices AD7894 Datasheet HTML 7Page - Analog Devices AD7894 Datasheet HTML 8Page - Analog Devices AD7894 Datasheet HTML 9Page - Analog Devices AD7894 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7894
–6–
REV. 0
CONVERTER DETAILS
The AD7894 is a fast, 14-bit single supply A/D converter. It
provides the user with signal scaling, track/hold, A/D converter
and serial interface logic functions on a single chip. The A/D
converter section of the AD7894 consists of a conventional
successive-approximation converter based around an R-2R
ladder structure. The signal scaling on the AD7894-10 and
AD7894-3 allows the part to handle
±10 V and ±2.5 V input
signals respectively while operating from a single +5 V supply.
The AD7894-2 accepts an analog input range of 0 V to +2.5 V.
The part requires an external +2.5 V reference. The reference
input to the part is buffered on-chip. The AD7894 has two
operating modes, the high sampling mode and the “auto-sleep”
mode where the part automatically goes into sleep after the end
of conversion. These modes are discussed in more detail in the
Timing and Control Section.
A major advantage of the AD7894 is that it provides all of the
above functions in an 8-lead SOIC package. This offers the user
considerable space saving advantages over alternative solutions.
The AD7894 typically consumes only 20 mW, making it ideal
for battery powered applications.
Conversion is initiated on the AD7894 by pulsing the
CONVST
input. On the falling edge of
CONVST, the on-chip track/hold
goes from track-to-hold mode and the conversion sequence is
started. The conversion clock for the part is generated internally
using a laser-trimmed clock oscillator circuit. Conversion time for
the AD7894 is 5
µs in the high sampling mode (10 µs for the auto
sleep mode), and the track/hold acquisition time is 0.35
µs. To
obtain optimum performance from the part, the read operation
should not occur during the conversion or during 250 ns prior
to the next conversion. This allows the part to operate at through-
put rates up to 160 kHz and achieve data sheet specifications.
CIRCUIT DESCRIPTION
Analog Input Section
The AD7894 is offered as three part types, the AD7894-10,
which handles a
±10 V input voltage range, the AD7894-3,
which handles input voltage range
±2.5 V and the AD7894-2,
which handles a 0 V to +2.5 V input voltage range.
TRACK/
HOLD
AD7894-10/AD7894-3
REF IN
VIN
GND
R1
R2
R3
TO ADC
REFERENCE
CIRCUITRY
TO INTERNAL
COMPARATOR
Figure 2. AD7894-10/AD7894-3 Analog Input Structure
Figure 2 shows the analog input section for the AD7894-10 and
AD7894-3. The analog input range of the AD7894-10 is
±10 V
and the analog input range for the AD7894-3 is
±2.5 V. This
input is benign, with no dynamic charging currents as the resis-
tor stage is followed by a high input impedance stage of the
track/hold amplifier. For the AD7894-10, R1 = 8 k
Ω, R2 = 2 kΩ
and R3 = 2 k
Ω. For the AD7894-3, R1 = R2 = 2 kΩ and R3
is open circuit. The current flowing in the analog input is di-
rectly related to the analog input voltage. The maximum input
current flows when the analog input is at negative full scale.
For the AD7894-10 and AD7894-3, the designed code transi-
tions occur on successive integer LSB values (i.e., 1 LSB, 2 LSBs,
3 LSBs . . .). Output coding is twos complement binary with
1 LSB = FS/16384. The ideal input/output transfer function for
the AD7894-10 and AD7894-3 is shown in Table I.
Table I. Ideal Input/Output Code Table for the AD7894-10/
AD7894-3
Digital Output
Analog Input
l
Code Transition
+FSR/2 – 1 LSB
2
011 . . . 110 to 011 . . . 111
+FSR/2 – 2 LSBs
011 . . . 101 to 011 . . . 110
+FSR/2 – 3 LSBs
011 . . . 100 to 011 . . . 101
GND + 1 LSB
000 . . . 000 to 000 . . . 001
GND
111 . . . 111 to 000 . . . 000
GND – 1 LSB
111 . . . 110 to 111 . . . 111
–FSR/2 + 3 LSBs
100 . . . 010 to 100 . . . 011
–FSR/2 + 2 LSBs
100 . . . 001 to 100 . . . 010
–FSR/2 + 1 LSB
100 . . . 000 to 100 . . . 001
NOTES
1FSR is full-scale range = 20 V (AD7894-10) and = 5 V (AD7894-3) with
REF IN = +2.5 V.
21 LSB = FSR/16384 = 1.22 mV (AD7894-10) and 0.3 mV (AD7894-3) with
REF IN = +2.5 V.
The analog input section for the AD7894-2 contains no biasing
resistors and the VIN pin drives the input directly to the track/
hold amplifier. The analog input range is 0 V to +2.5 V into a
high impedance stage with an input current of less than 500 nA.
This input is benign, with no dynamic charging currents. Once
again, the designed code transitions occur on successive integer
LSB values. Output coding is straight (natural) binary with
1 LSB = FS/16384 = 2.5 V/16384 = 0.15 mV. Table II shows
the ideal input/output transfer function for the AD7894-2.
Table II. Ideal Input/Output Code Table for AD7894-2
Digital Output
Analog Input
1
Code Transition
+FSR – 1 LSB2
111 . . . 110 to 111 . . . 111
+FSR – 2 LSB
111 . . . 101 to 111 . . . 110
+FSR – 3 LSB
111 . . . 100 to 111 . . . 101
GND + 3 LSB
000 . . . 010 to 000 . . . 011
GND + 2 LSB
000 . . . 001 to 000 . . . 010
GND + 1 LSB
000 . . . 000 to 000 . . . 001
NOTES
1FSR is full-scale range and is 2.5 V for AD7894-2 with VREF = +2.5 V.
21 LSB = FSR/16384 and is 0.15 mV for AD7894-2 with VREF = +2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com