Electronic Components Datasheet Search
  English  ▼

X  

AD7895 Datasheet(PDF) 3 Page - Analog Devices

Part # AD7895
Description  5 V, 12-Bit, Serial 3.8 ms ADC in 8-Pin Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7895 Datasheet(HTML) 3 Page - Analog Devices

  AD7895 Datasheet HTML 1Page - Analog Devices AD7895 Datasheet HTML 2Page - Analog Devices AD7895 Datasheet HTML 3Page - Analog Devices AD7895 Datasheet HTML 4Page - Analog Devices AD7895 Datasheet HTML 5Page - Analog Devices AD7895 Datasheet HTML 6Page - Analog Devices AD7895 Datasheet HTML 7Page - Analog Devices AD7895 Datasheet HTML 8Page - Analog Devices AD7895 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD7895
–3–
REV. 0
TIMING CHARACTERISTICS1, 2
Parameter
A, B Versions
Units
Test Conditions/Comments
t1
40
ns min
CONVST
Pulse Width
t2
352
ns min
SCLK High Pulse Width
t3
35
2
ns min
SCLK Low Pulse Width
t4
60
3
ns max
Data Access Time after Falling Edge of SCLK, VDD = 5 V ± 5%
t5
10
ns min
Data Hold Time after Falling Edge of SCLK
t6
50
4
ns max
Bus Relinquish Time after Falling Edge of SCLK
NOTES
1 Sample tested at +25
°C to ensure compliance. All input signals are measured with tr = tf = 1 ns (10% to 90% of +5 V) and timed from a voltage level of +1.4 V.
2The SCLK maximum frequency is 15 MHz. Care must be taken when interfacing to account for the data access time, t
4, and the setup time required for the user's
processor. These two times will determine the maximum SCLK frequency that the user’s system can operate with. See “Serial Interface” section for more information.
3 Measured with the load circuit of Figure 1 and defined as the time required for an output to cross 0.8 V or 2.0 V.
4 Derived from the measured time taken by the data outputs to change 0.5 V when loaded with the circuit of Figure 1. The measured number is then extrapolated back
to remove the effects of charging or discharging the 50 pF capacitor. This means that the time, t 6, quoted in the timing characteristics is the true bus relinquish time
of the part and, as such, is independent of external bus loading capacitances.
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +7 V
Analog Input Voltage to GND
AD7895-10 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±17 V
AD7895-2, AD7895-3 . . . . . . . . . . . . . . . . . . . –5 V, +10 V
Reference Input Voltage to GND . . . . –0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . –0.3 V to VDD + 0.3 V
Digital Output Voltage to GND . . . . . –0.3 V to VDD + 0.3 V
Operating Temperature Range
Commercial (A, B Versions) . . . . . . . . . . . –40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . –65
°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . +150
°C
Plastic DIP Package, Power Dissipation . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 130
°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . +260
°C
SOIC Package, Power Dissipation . . . . . . . . . . . . . . . 450 mW
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . . . . . . 170
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7895 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
(VDD = +5 V, GND = 0 V, REF IN = +2.5 V)
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those listed in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Linearity Error (LSB)
SNR (dB)
Package Option*
AD7895AN-2
–40
°C to +85°C
±1 LSB
70 dB
N-8
AD7895AR-2
–40
°C to +85°C
±1 LSB
70 dB
SO-8
AD7895BR-2
–40
°C to +85°C
±1 LSB
70 dB
SO-8
AD7895AN-10
–40
°C to +85°C
±1 LSB
70 dB
N-8
AD7895AR-10
–40
°C to +85°C
±1 LSB
70 dB
SO-8
AD7895BR-10
–40
°C to +85°C
±1 LSB
70 dB
SO-8
AD7895AN-3
–40
°C to +125°C
±1 LSB
70 dB
N-8
AD7895AR-3
–40
°C to +85°C
±1 LSB
70 dB
SO-8
*N = Plastic DIP, SO = SOIC.
+1.6V
2.0mA
2.0mA
50pF
TO
OUTPUT
PIN
Figure 1. Load Circuit for Access Time and Bus
Relinquish Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com