Electronic Components Datasheet Search
  English  ▼

X  

AO4480 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AO4480
Description  40V N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4480 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AO4480 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4480 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4480 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4480 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Symbol
VDS
VGS
IDM
IAR
EAR
TJ, TSTG
Symbol
Typ
Max
30
40
59
75
RθJL
16
24
Repetitive avalanche energy 0.3mH
B
mJ
135
Avalanche Current
B
A
30
Pulsed Drain Current
B
70
A
TA=70°C
11
Continuous Drain
Current
AF
TA=25°C
IDSM
14
Maximum Junction-to-Lead
C
Steady-State
°C/W
Thermal Characteristics
Parameter
Units
Maximum Junction-to-Ambient
A
t ≤ 10s
RθJA
°C/W
40
°C/W
Absolute Maximum Ratings TA=25°C unless otherwise noted
V
V
±20
Gate-Source Voltage
Drain-Source Voltage
Maximum Junction-to-Ambient
A
Steady-State
Maximum
Units
Parameter
Junction and Storage Temperature Range
°C
-55 to 150
3.1
W
TA=70°C
2.0
Power Dissipation
TA=25°C
PD
AO4480
40V N-Channel MOSFET
Product Summary
VDS (V) = 40V
ID = 14A (VGS = 10V)
RDS(ON) < 11.5mΩ (VGS = 10V)
RDS(ON) < 15.5mΩ (VGS = 4.5V)
ESD Rating: 4KV HBM
100% UIS Tested
100% Rg Tested
General Description
The AO4480 uses advanced trench technology to
provide excellent RDS(ON), low gate charge. It is ESD
Protected. This device is suitable for use as a low side
switch in SMPS and general purpose applications.
SOIC-8
Top View
Bottom View
D
D
D
D
S
S
S
G
G
D
S
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com


Similar Part No. - AO4480

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4480 AOSMD-AO4480 Datasheet
141Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
shenzhen wanhexing Elec...
AO4480 WHXPCB-AO4480 Datasheet
1Mb / 4P
40V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4480 KEXIN-AO4480 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO4480 VBSEMI-AO4480 Datasheet
1Mb / 9P
N-Channel 40-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AO4480 DOINGTER-AO4480 Datasheet
673Kb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - AO4480

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4484 AOSMD-AO4484_10 Datasheet
185Kb / 4P
40V N-Channel MOSFET
AOL1242 AOSMD-AOL1242 Datasheet
266Kb / 6P
40V N-Channel MOSFET
AON2240 AOSMD-AON2240 Datasheet
296Kb / 6P
40V N-Channel MOSFET
AON6442 AOSMD-AON6442 Datasheet
244Kb / 6P
40V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSFD4004 GOOD-ARK-SSFD4004 Datasheet
1Mb / 7P
40V N-Channel MOSFET
logo
TECH PUBLIC Electronics...
TPM4060ND56-1 TECHPUBLIC-TPM4060ND56-1 Datasheet
1Mb / 5P
40V N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com