Electronic Components Datasheet Search
  English  ▼

X  

AO4485 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4485
Description  40V P-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4485 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4485_10 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4485_10 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4485_10 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4485_10 Datasheet HTML 4Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AO4485
Symbol
Min
Typ
Max
Units
BVDSS
-40
V
-1
TJ = 55°C
-5
IGSS
±100
nA
VGS(th)
-1.7
-1.9
-2.5
V
ID(ON)
-120
A
12.5
15
TJ=125°C
19
23
16
20
gFS
25
S
VSD
-0.7
-1
V
IS
-3
A
Ciss
2500
3000
pF
Coss
260
pF
Crss
180
pF
Rg
2.5
4
6
Ω
Qg (10V)
42
55
nC
Qg (4.5V)
18.6
nC
Qgs
7
nC
Qgd
8.6
nC
tD(on)
9.4
ns
tr
20
ns
tD(off)
55
ns
tf
30
ns
trr
38
49
ns
Qrr
47
nC
0
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
On state drain current
ID = -250µA, VGS = 0V
VGS = -10V, VDS = -5V
VDS = -40V, VGS = 0V
VDS = 0V, VGS = ±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=-10A, dI/dt=100A/µs
VGS = -10V, ID = -10A
Reverse Transfer Capacitance
IF=-10A, dI/dt=100A/µs
Static Drain-Source On-Resistance
Diode Forward Voltage
VGS = -4.5V, ID = -8A
m
Ω
Gate Threshold Voltage
VDS = VGS ID = -250µA
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
RDS(ON)
Drain-Source Breakdown Voltage
Turn-Off DelayTime
VGS=-10V, VDS=-20V,
RL= 2Ω, RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
Turn-On Rise Time
Gate Source Charge
Gate Drain Charge
µA
Total Gate Charge
VGS=-10V, VDS=-20V, ID=-10A
Output Capacitance
IS = -1A,VGS = 0V
VDS = -5V, ID = -10A
Forward Transconductance
Gate resistance
SWITCHING PARAMETERS
DYNAMIC PARAMETERS
Maximum Body-Diode Continuous Current
Total Gate Charge
VGS=0V, VDS=0V, f=1MHz
VGS=0V, VDS=-20V, f=1MHz
Input Capacitance
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A = 25°C. The
value in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using t ≤ 300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
F. The current rating is based on the t ≤ 10s thermal resistance rating.
G. EAR and IAR ratings are based on low frequency and duty cycles to keep Tj=25C.
Rev1: Nov. 2010
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com