Electronic Components Datasheet Search
  English  ▼

X  

AD800 Datasheet(PDF) 7 Page - Analog Devices

Part # AD800
Description  Clock Recovery and Data Retiming Phase-Locked Loop
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD800 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD800 Datasheet HTML 3Page - Analog Devices AD800 Datasheet HTML 4Page - Analog Devices AD800 Datasheet HTML 5Page - Analog Devices AD800 Datasheet HTML 6Page - Analog Devices AD800 Datasheet HTML 7Page - Analog Devices AD800 Datasheet HTML 8Page - Analog Devices AD800 Datasheet HTML 9Page - Analog Devices AD800 Datasheet HTML 10Page - Analog Devices AD800 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD800/AD802
REV. B
–7–
180
100
120
110
–40
140
130
150
160
170
100
80
60
40
20
0
–20
TEMPERATURE –
°C
Figure 15. AD802-155 Center Frequency vs. Temperature
TEMPERATURE –
°C
200
130
100
160
140
–20
150
–40
190
170
180
80
60
40
20
0
Figure 17. AD802-155 Capture Range, Tracking Range vs.
Temperature
100
0
1
1000
10
0.1
10
1
100
AD802 – 155
CCITT G.958 STM1 TYPE A MASK
JITTER FREQUENCY – Hz
Figure 19. AD802-155 Minimum Acquisition Range vs.
Jitter Frequency, TMIN to TMAX VMIN to VMAX
100
–20
–40
10
0
3
1
2
6
4
5
7
8
9
80
60
40
20
0
TEMPERATURE –
°C
Figure 16. AD802-155 Output Jitter vs. Temperature
100
0.1
10
2
10
1
10
3
10
4
10
5
10
8
10
7
10
6
JITTER FREQUENCY – Hz
AD802-155
CCITT G.958 STM1 TYPE A MASK
Figure 18. AD802-155 Jitter Tolerance
1E-5
1E-10
1E-2
10
12
16
18
22
24
1E-3
1E-4
1E-8
1E-6
1E-1
5E-2
3E-2
2E-2
S/N – dB
1
2
erfc
S
N
1
2 2
14
20
80mV
20mV
ECL
20mV
80mV
&
ECL
1E-12
Figure 20. AD802-155 Bit Error Rate vs. Input Jitter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com