Electronic Components Datasheet Search
  English  ▼

X  

AD7876CQ Datasheet(PDF) 16 Page - Analog Devices

Part # AD7876CQ
Description  LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7876CQ Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7876CQ Datasheet HTML 12Page - Analog Devices AD7876CQ Datasheet HTML 13Page - Analog Devices AD7876CQ Datasheet HTML 14Page - Analog Devices AD7876CQ Datasheet HTML 15Page - Analog Devices AD7876CQ Datasheet HTML 16Page - Analog Devices AD7876CQ Datasheet HTML 17Page - Analog Devices AD7876CQ Datasheet HTML 18Page - Analog Devices AD7876CQ Datasheet HTML 19Page - Analog Devices AD7876CQ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
REV. B
AD7870/AD7875/AD7876
–16–
SKT5 is a 9-way D-type connector that is meant for serial inter-
facing only. An inverted DB9/SCLK output is also provided on
this connector for systems that accept data on a rising clock
edge. The SKT5 pinout is shown in Figure 27.
Figure 27. SKT5, D-Type Connector Pinout
SKT1, SKT2 and SKT3 are three BNC connectors which pro-
vide input connections for the analog input, the
CONVST input
and an external clock input. The use of an external clock source
is optional; there is a shorting plug (LK2) on the ADC CLK in-
put that must be connected to either –5 V (for the ADCs own
internal clock) or to SKT3.
POWER SUPPLY CONNECTIONS
The PCB requires two analog power supplies and one 5 V digi-
tal supply . The analog supplies are labelled V+ and V–, and the
range for both supplies is 12 V to 15 V (see silkscreen in Figure
29). Connection to the 5 V digital supply is made through any
of the connectors (SKT4 to SKT6). The –5 V supply required
by the ADC is generated from a voltage regulator on the V–
power supply input (IC3 in Figure 27).
SHORTING PLUG OPTIONS
There are seven shorting plug options that must be set before
using the board. These are outlined below:
LK1 Connects the analog input to a buffer amplifier. The
analog input may also be connected to a component grid
for signal conditioning.
LK2 Selects either the ADC internal clock or an external
clock source.
LK3 Configures the ADC 12/
8/CLK input for the appropri-
ate serial or parallel interface.
LK4 Connects the ADC
RD input directly to the two parallel
connectors or to a decoded
STRB and R/W input. This
shorting plug setting depends on the microprocessor e.g.,
the TMS32010 has a separate
RD output while the
TMS32020 has
STRB and R/W outputs.
LK5– Connect the pull-up resistors R3, R4 and R5 to
SSTRB,
LK7 SCLK and SDATA. These shorting plugs should be
removed for parallel interfacing.
COMPONENT LIST
IC1
AD711 Op Amp
IC2
AD7870/AD7875/AD7876 Analog-to-
Digital Converter
IC3
MC79L05 –5 V Regulator
IC4
74HC00 Quad NAND Gate
IC5
74HC74 Dual D-Type Flip Flop
C1, C3, C5, C7,
10
µF Capacitors
C9, C11
C2, C4, C6, C8,
0.1
µF Capacitors
C10, C12
R1, R2
10 k
Ω Pull-Up Resistors
R3*, R5*
4.7 k
Ω Pull-Up Resistors
R4*
2 k
Ω Pull-Up Resistor
LK1, LK2
Shorting Plugs
LK3, LK4
LK5, LK6, LK7
SKT1, SKT2, SKT3 BNC Sockets
SKT4
26-Contact (2-Row) IDC Connector
SKT5
9-Contact D-Type Connector
SKT6
96-Contact (3-Row) Eurocard Connector
*Required for Serial Communication only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com