Electronic Components Datasheet Search
  English  ▼

X  

AD8002AN Datasheet(PDF) 13 Page - Analog Devices

Part # AD8002AN
Description  Dual 600 MHz, 50 mW Current Feedback Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8002AN Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8002AN Datasheet HTML 9Page - Analog Devices AD8002AN Datasheet HTML 10Page - Analog Devices AD8002AN Datasheet HTML 11Page - Analog Devices AD8002AN Datasheet HTML 12Page - Analog Devices AD8002AN Datasheet HTML 13Page - Analog Devices AD8002AN Datasheet HTML 14Page - Analog Devices AD8002AN Datasheet HTML 15Page - Analog Devices AD8002AN Datasheet HTML 16Page - Analog Devices AD8002AN Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
REV. C
AD8002
–13–
Single-Ended to Differential Driver Using an AD8002
The two halves of an AD8002 can be configured to create a
single-ended to differential high speed driver with a –3 dB band-
width in excess of 200 MHz as shown in Figure 47. Although
the individual op amps are each current feedback, the overall
architecture yields a circuit with attributes normally associated
with voltage feedback amplifiers, while offering the speed advan-
tages inherent in current feedback amplifiers. In addition, the
gain of the circuit can be changed by varying a single resistor,
RF, which is often not possible in a dual op amp differential
driver.
50
OUTPUT #1
50
OUTPUT #2
RG
511
RF 511
CC 0.5–1.5pF
1/2
AD8002
1/2
AD8002
OP AMP #1
OP AMP #2
VIN
RA
511
RA
511
511
RB
511
RB
Figure 47. Differential Line Driver
The current feedback nature of the op amps, in addition to
enabling the wide bandwidth, provides an output drive of more
than 3 V p-p into a 20
Ω load for each output at 20 MHz. On
the other hand, the voltage feedback nature provides symmetri-
cal high impedance inputs and allows the use of reactive compo-
nents in the feedback network.
The circuit consists of the two op amps each configured as a
unity gain follower by the 511
Ω R
A feedback resistors between
each op amp’s output and inverting input. The output of each
op amp has a 511
Ω R
B resistor to the inverting input of the
other op amp. Thus, each output drives the other op amp
through a unity gain inverter configuration. By connecting the
two amplifiers as cross-coupled inverters, their outputs are freed
to be equal and opposite, assuring zero-output common-mode
voltage.
With this circuit configuration, the common-mode signal of the
outputs is reduced. If one output moves slightly higher, the
negative input to the other op amp drives its output to go
slightly lower and thus preserves the symmetry of the comple-
mentary outputs which reduces the common-mode signal. The
common-mode output signal was measured to be –50 dB at
1 MHz.
Looking at this configuration overall, there are two high imped-
ance inputs (the + inputs of each op amp), two low impedance
outputs and high open loop gain. If we consider the two nonin-
verting inputs and just the output of Op Amp #2, the structure
looks like a voltage feedback op amp having two symmetrical,
high impedance inputs and one output. The +input to Op Amp
#2 is the noninverting input (it has the same polarity as Output
#2) and the +input to Amplifier #1 is the inverting input (oppo-
site polarity of Output #2).
With a feedback resistor RF, an input resistor RG, and grounding
of the +input of Op Amp #2, a feedback amplifier is formed.
This configuration is just like a voltage feedback amplifier in an
inverting configuration if only Output #2 is considered. The
addition of Output #1 makes the amplifier differential output.
The differential gain of this circuit is:
G
R
R
R
R
F
G
A
B
=×
+


1
The RF/RG term is the gain of the overall op amp configuration
and is the same as for an inverting op amp except for the polar-
ity. If Output #1 is used as the output reference, then the gain is
positive. The 1+RA/RB term is the noise gain of each individual
op amp in its noninverting configuration.
The resulting architecture offers several advantages. First, the
gain can be changed by changing a single resistor. Changing
either RF or RG will change the gain as in an inverting op amp
circuit. For most types of differential circuits, more than one
resistor must be changed to change gain and still maintain good
CMR.
Reactive elements can be used in the feedback network. This is
in contrast to current feedback amplifiers that restrict the use of
reactive elements in the feedback. The circuit described requires
about 0.9 pF of capacitance in shunt across RF in order to opti-
mize peaking and realize a –3 dB bandwidth of more than
200 MHz.
The peaking exhibited by the circuit is very sensitive to the value
of this capacitor. Parasitics in the board layout on the order of
tenths of picofarads will influence the frequency response and
the value required for the feedback capacitor, so a good layout is
essential.
The shunt capacitor type selection is also critical. A good micro-
wave type chip capacitor with high Q was found to yield best
performance. The part selected for this circuit was a muRata
Erie part no. MA280R9B.
The distortion was measured at 20 MHz with a 3 V p-p input
and a 100
Ω load on each output. For Output #1 the distortion
is –37 dBc and –41 dBc for the second and third harmonics
respectively. For Output #2 the second harmonic is –35 dBc
and the third harmonic is –43 dBc.
+6
–4
–14
1M
10M
1G
100M
–6
–8
–10
–12
–2
0
+2
+4
FREQUENCY – Hz
CC = 0.9pF
OUT+
OUT–
Figure 48. Differential Driver Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com