Electronic Components Datasheet Search
  English  ▼

X  

AD8005 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8005
Description  270 MHz, 400 uA Current Feedback Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8005 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8005 Datasheet HTML 2Page - Analog Devices AD8005 Datasheet HTML 3Page - Analog Devices AD8005 Datasheet HTML 4Page - Analog Devices AD8005 Datasheet HTML 5Page - Analog Devices AD8005 Datasheet HTML 6Page - Analog Devices AD8005 Datasheet HTML 7Page - Analog Devices AD8005 Datasheet HTML 8Page - Analog Devices AD8005 Datasheet HTML 9Page - Analog Devices AD8005 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8005–Typical Characteristics
–6–
REV. A
FREQUENCY – MHz
20
10
–40
–60
–80
–100
–50
–70
–90
3RD
1
2ND
G = +2
VOUT = 2V p-p
RL = 1k
3RD
2ND
Figure 10. Distortion vs. Frequency; VS = ±5 V
0.02
–0.06
–0.02
–0.04
0.00
0.04
0.06
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th
0.10
–0.10
0.00
–0.05
0.05
VS = ±5V
RL = 1k
G = +2
VS = ±5V
RL = 1k
G = +2
MODULATING RAMP LEVEL – IRE
MIN = –0.06 MAX = 0.03 p-p/MAX = 0.09
MIN = –0.01 MAX = 0.39 p-p = 0.40
Figure 11. Differential Gain and Phase, VS = ±5 V
LOAD RESISTANCE –
10
6
9
8
7
5
4
3
2
1
0
1k
10k
100
VS = 5V
VS = +5V
Figure 12. Output Voltage Swing vs. Load
FREQUENCY – MHz
20
10
–40
–60
–80
–100
–50
–70
–90
3RD
1
2ND
G = +2
VOUT = 2V p-p
RL = 1k
3RD
2ND
Figure 13. Distortion vs. Frequency VS = +5 V
0.0
–1.0
–0.5
0.5
1.0
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th 10th
VS = +5V
RL = 1k
TO +1.5V
G = +2
MODULATING RAMP LEVEL – IRE
0.10
–0.10
0.00
–0.05
0.05
VS = +5V
RL = 1k
TO +1.5V
G = +2
MIN = –0.08 MAX = 0.04 p-p/MAX = 0.12
MIN = 0.00 MAX = 0.70 p-p = 0.70
Figure 14. Differential Gain and Phase, VS = +5 V
TOTAL SUPPLY VOLTAGE – Volts
311
45
6
7
89
10
9
8
0
4
3
2
1
6
5
7
f = 5MHz
G = +2
RL = 1k
Figure 15. Output Swing vs. Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com