Electronic Components Datasheet Search
  English  ▼

X  

AO4622 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4622
Description  20V Dual P N-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4622 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4622_10 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4622_10 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4622_10 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4622_10 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4622_10 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4622_10 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4622_10 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4622_10 Datasheet HTML 8Page - Alpha & Omega Semiconductors AO4622_10 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AO4622
Symbol
Min
Typ
Max
Units
BVDSS
20
V
1
TJ=55°C
5
IGSS
100
nA
VGS(th)
0.6
1.25
2
V
ID(ON)
35
A
19
23
TJ=125°C
28
33.6
24
30
m
Ω
67
84
m
Ω
gFS
17
S
VSD
0.7
1
V
IS
3
A
Ciss
900
1100
pF
Coss
162
pF
Crss
105
pF
Rg
0.9
1.35
Ω
Qg(10V)
15
18
nC
Qg(4.5V)
7.2
9
nC
Qgs
1.8
nC
Qgd
2.8
nC
tD(on)
4.5
ns
tr
9.2
ns
tD(off)
18.7
ns
tf
3.3
ns
trr
18
ns
Qrr
9.5
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
N-Channel Electrical Characteristics (TJ=25°C unless otherwise noted)
Parameter
Conditions
STATIC PARAMETERS
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
IDSS
Zero Gate Voltage Drain Current
VDS=16V, VGS=0V
uA
Gate-Body leakage current
VDS=0V, VGS=±16V
Gate Threshold Voltage
VDS=VGS ID=250µA
On state drain current
VGS=4.5V, VDS=5V
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=7.3A
m
Ω
VGS=2.5V, ID=2A
VGS=4.5V, ID=6.4A
Forward Transconductance
VDS=5V, ID=7.3A
Diode Forward Voltage
IS=1A
Maximum Body-Diode Continuous Current
DYNAMIC PARAMETERS
Input Capacitance
VGS=0V, VDS=10V, f=1MHz
Output Capacitance
Reverse Transfer Capacitance
Gate resistance
VGS=0V, VDS=0V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
VGS=10V, VDS=10V, ID=6.5A
Total Gate Charge
Gate Source Charge
Gate Drain Charge
Turn-On DelayTime
VGS=10V, VDS=10V, RL=1.4Ω,
RGEN=3Ω
Turn-On Rise Time
Turn-Off DelayTime
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=7.3A, dI/dt=100A/µs
Body Diode Reverse Recovery Charge IF=7.3A, dI/dt=100A/µs
A: The value of R θJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The value
in any given application depends on the user's specific board design.
B: Repetitive rating, pulse width limited by junction temperature.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient. RθJL and RθJC are equivalent terms referring to
thermal resistance from junction to drain lead.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
F. The current rating is based on the t ≤ 10s thermal resistance rating.
Rev5: Nov 2010
Alpha & Omega Semiconductor, Ltd.
www.aosmd.com



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com