Electronic Components Datasheet Search
  English  ▼

X  

AD8010AR Datasheet(PDF) 2 Page - Analog Devices

Part # AD8010AR
Description  200 mA Output Current High Speed Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8010AR Datasheet(HTML) 2 Page - Analog Devices

  AD8010AR Datasheet HTML 1Page - Analog Devices AD8010AR Datasheet HTML 2Page - Analog Devices AD8010AR Datasheet HTML 3Page - Analog Devices AD8010AR Datasheet HTML 4Page - Analog Devices AD8010AR Datasheet HTML 5Page - Analog Devices AD8010AR Datasheet HTML 6Page - Analog Devices AD8010AR Datasheet HTML 7Page - Analog Devices AD8010AR Datasheet HTML 8Page - Analog Devices AD8010AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. A
AD8010–SPECIFICATIONS (@ +25 C, V
S =
5 V, G = +2, RL = 18.75
, RS+ = 150
, RF = RG = 604
(R-16),
RF = RG = 562
(N-8), RF = RG = 499
(R-8). TMIN = –40 C, TMAX = +85 C unless otherwise noted)
Model
Conditions
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, VOUT = 0.2 V p-p
180
230
MHz
G = +2, VOUT = 0.2 V p-p
130
190
MHz
0.1 dB Bandwidth
VOUT = 0.2 V p-p
30
60
MHz
Large Signal Bandwidth
VOUT = 4 V p-p
90
MHz
Peaking
VOUT = 0.2 V p-p, < 5 MHz
0.02
dB
Slew
VOUT = 2 V p-p
800
V/
µs
Rise and Fall Time
VOUT = 2 V p-p
2.0
ns
Settling Time
0.1%, VOUT = 2 V p-p
25
ns
NOISE/HARMONIC PERFORMANCE
Distortion
VOUT = 2 V p-p
2nd Harmonic
1 MHz
–73
dBc
5 MHz
–58
dBc
10 MHz
–53
dBc
10 MHz, RL = 39 Ω
–67
dBc
20 MHz
–44
dBc
3rd Harmonic
1 MHz
–77
dBc
5 MHz
–63
dBc
10 MHz
–57
dBc
10 MHz, RL = 39 Ω
–63
dBc
20 MHz
–50
dBc
IMD
5 MHz
∆f = 10 kHz
–73
dBc
IP3
5 MHz
42
dBm
1 dB Gain Compression
5 MHz
21
dBm
Input Noise Voltage
f = 10 kHz
2
nV
√Hz
Input Noise Current
f = 10 kHz, +In
3
pA
√Hz
f = 20 kHz, –In
20
pA
√Hz
Differential Gain
f = 4.43 MHz, RL = 150 Ω
0.02
%
f = 4.43 MHz, RL = 18.75 Ω
0.02
%
Differential Phase
f = 4.43 MHz, RL = 150 Ω
0.02
Degrees
f = 4.43 MHz, RL =18.75 Ω
0.03
Degrees
DC PERFORMANCE
Input Offset Voltage
512
mV
TMIN–TMAX
15
mV
Offset Drift
10
µV/°C
Input Bias Current (–)
10
135
µA
TMIN–TMAX
200
µA
Input Bias Current (+)
612
µA
TMIN–TMAX
20
µA
INPUT CHARACTERISTICS
Input Resistance
+Input
125
k
Ω
–Input
12.5
Ω
Input Capacitance
2.75
pF
Common-Mode Rejection Ratio
VCM = ± 2.5 V
50
54
dB
Input Common-Mode Voltage Range
±2.5
V
Open Loop Transresistance
VOUT = ± 2.5 V
300
500
k
Ω
TMIN–TMAX
250
k
Ω
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 18.75 Ω
±2.1
±2.5
V
RL = 150 Ω
±2.7
±3.0
V
Output Current
RL = 9 Ω
175
200
mA
Short-Circuit Current
240
mA
Capacitive Load Drive
40
pF
POWER SUPPLY
Operating Range
±4.5
±6.0
V
Quiescent Current
15.5
17
mA
TMIN to TMAX
20
mA
Power Supply Rejection Ratio
+VS = +4 V to +6 V, –VS = +5 V
60
66
dB
+VS = +5 V, –VS = –4 V to –6 V
50
56
dB
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com