Electronic Components Datasheet Search
  English  ▼

X  

AD8016 Datasheet(PDF) 20 Page - Analog Devices

Part # AD8016
Description  Low Power, High Output Current xDSL Line Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8016 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8016 Datasheet HTML 12Page - Analog Devices AD8016 Datasheet HTML 13Page - Analog Devices AD8016 Datasheet HTML 14Page - Analog Devices AD8016 Datasheet HTML 15Page - Analog Devices AD8016 Datasheet HTML 16Page - Analog Devices AD8016 Datasheet HTML 17Page - Analog Devices AD8016 Datasheet HTML 18Page - Analog Devices AD8016 Datasheet HTML 19Page - Analog Devices AD8016 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
REV. A
AD8016
–20–
20-Lead PSOP3
(RP-20A)
BOTTOM VIEW
0.2441 (6.20)
0.2283 (5.80)
0.5118 (13.00)
0.3543 (9.00)
8°
0°
0.1142 (2.90) MAX
2 PLACES
END VIEW
DETAIL A
0.0433 (1.10)
0.0315 (0.80)
SEATING
PLANE
0.0500
(1.27)
BSC
0.0209 (0.53)
0.0157 (0.40)
0.5709 (14.50)
0.5591 (14.20)
0.5472 (13.90)
0.4370 (11.10)
0.4331 (11.00)
0.4252 (10.80)
1
10
20
11
0.1417 (3.60)
0.1319 (3.35)
0.1220 (3.10)
0.6299 (16.00)
0.6260 (15.90)
0.6220 (15.80)
TOP VIEW
0.0433 (1.10) MAX
45
0.0433
(1.10) MAX
2 PLACES
PIN 1
SIDE VIEW
0.0394 (1.00)
0.0354 (0.90)
0.0315 (0.80)
0.1299 (3.30)
0.1240 (3.15)
0.1181 (3.00)
0.1118 (0.30)
0.0079 (0.20)
0.0039 (0.10)
0.0039 (0.10)
0.0020 (0.05)
0.0000 (0.00)
0.0126 (0.32)
0.0090 (0.23)
DETAIL A
24-Lead Batwing
(RB-24)
0.0125 (0.32)
0.0091 (0.23)
0.0500 (1.27)
0.0157 (0.40)
8°
0°
0.0291 (0.74)
0.0098 (0.25)
45°
24
13
12
1
0.6141 (15.60)
0.5985 (15.20)
0.2992 (7.60)
0.2914 (7.40)
PIN 1
0.4193 (10.65)
0.3937 (10.00)
SEATING
PLANE
0.0118 (0.30)
0.0040 (0.10)
0.0201 (0.51)
0.0130 (0.33)
0.1043 (2.65)
0.0926 (2.35)
0.0500
(1.27)
BSC
28-Lead HTSSOP
(RE-28)
0.041 (1.05)
0.039 (1.00)
0.031 (0.80)
SEATING
PLANE
0.047
(1.20)
MAX
0.006 (0.15)
0.000 (0.00)
0.0118 (0.30)
0.0075 (0.19)
0.177 (4.50)
0.173 (4.40)
0.169 (4.30)
28
15
14
1
0.386 (9.80)
0.382 (9.70)
0.378 (9.60)
PIN 1
0.059
(1.50)
MIN
0.130 (3.30)
MIN
0.252
(6.40)
BSC
EXPOSED PAD
ON BOTTOM
0.0256 (0.65)
BSC
0.0079 (0.20)
0.0035 (0.09)
8
0
0.030 (0.75)
0.024 (0.60)
0.177 (0.45)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (mm)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com