Electronic Components Datasheet Search
  English  ▼

X  

AD8022AR Datasheet(PDF) 1 Page - Analog Devices

Part # AD8022AR
Description  Dual High-Speed Low-Noise Op Amps
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8022AR Datasheet(HTML) 1 Page - Analog Devices

  AD8022AR Datasheet HTML 1Page - Analog Devices AD8022AR Datasheet HTML 2Page - Analog Devices AD8022AR Datasheet HTML 3Page - Analog Devices AD8022AR Datasheet HTML 4Page - Analog Devices AD8022AR Datasheet HTML 5Page - Analog Devices AD8022AR Datasheet HTML 6Page - Analog Devices AD8022AR Datasheet HTML 7Page - Analog Devices AD8022AR Datasheet HTML 8Page - Analog Devices AD8022AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8022
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Dual High-Speed
Low-Noise Op Amps
FUNCTIONAL BLOCK DIAGRAM
8
7
6
5
1
2
3
4
OUT1
–IN1
+IN1
–VS
+VS
OUT2
–IN2
+IN2
AD8022
–
+
–
+
FEATURES
Low-Noise Amplifiers Provide Low Noise and Low
Distortion, Ideal for xDSL Modem Receiver
+5 V to
12 V Voltage Supply
Low-Power Consumption
4.0 mA/Amp (Typ) Supply Current
Voltage Feedback Amplifiers
Low Noise and Distortion
2.5 nV/
√Hz Voltage Noise @ 100 kHz
SFDR –95 dBc @ 1 MHz
MTPR < –66 dBc
High Speed
120 MHz Bandwidth (–3 dB), G = 1
50 V/ s Slew Rate
Low-Offset Voltage, 1.5 mV Typical
APPLICATIONS
ADSL, VDSL, HDSL, and Proprietary xDSL Systems
Low-Noise Instrumentation Front End
Ultrasound Preamp
PRODUCT DESCRIPTION
The AD8022 consists of two low-noise, high-speed, voltage feed-
back amplifiers. Both inputs add only 2.5 nV/
√Hz of voltage
noise. These dual amplifiers provide wideband, low-distortion
performance, with high-output current optimized for stability
when driving capacitive loads. Operating from +5 V to
±12 V
supplies, the AD8022 typically consumes only 4.0 mA/Amp
quiescent current. The AD8022 is available in both an 8-lead
microSOIC and an 8-lead SOIC package. Fast overvoltage
recovery and wide bandwidth make the AD8022 ideal as the
receive channel front end to an ADSL, VDSL or proprietary
xDSL transceiver design.
Low-noise receive amplifiers in the AD8022 are independent
voltage feedback amplifiers and can be configured as the differ-
ential receiver from the line transformer or as independent active
filters in an xDSL line interface circuit.
FREQUENCY – Hz
3.0
10k
2.5
2.0
1.5
1.0
0.5
0
100k
1M
VOLTAGE NOISE, nV
CURRENT NOISE, pA
Figure 1. Current and Voltage Noise vs. Frequency


Similar Part No. - AD8022AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8022AR AD-AD8022AR Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
AD8022AR AD-AD8022AR Datasheet
299Kb / 16P
Dual High Speed, Low Noise Op Amp
Rev. C
AD8022AR-EBZ AD-AD8022AR-EBZ Datasheet
299Kb / 16P
Dual High Speed, Low Noise Op Amp
Rev. C
AD8022AR-REEL AD-AD8022AR-REEL Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
AD8022AR-REEL7 AD-AD8022AR-REEL7 Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
More results

Similar Description - AD8022AR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1028 LINER-LT1028 Datasheet
439Kb / 20P
Ultra Low Noise Precision High Speed Op Amps
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126 Datasheet
250Kb / 8P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1126 LINER-LT1126_05 Datasheet
270Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
logo
Linear Dimensions Semic...
LT1125CSW LINEAR_DIMENSIONS-LT1125CSW Datasheet
208Kb / 18P
Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Linear Technology
LT1126 LINER-LT1126_15 Datasheet
280Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1127 LINER-LT1127_15 Datasheet
280Kb / 12P
Dual/Quad Decompensated Low Noise, High Speed Precision Op Amps
LT1124 LINER-LT1124_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1125 LINER-LT1125_15 Datasheet
379Kb / 20P
Dual/Quad Low Noise, High Speed Precision Op Amps
LT1128 LINER-LT1128_15 Datasheet
784Kb / 28P
Ultralow Noise Precision High Speed Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com