Electronic Components Datasheet Search
  English  ▼

X  

CPC1966B Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1966B
Description  CPC1966B is an AC Solid State Switch utilizing dual power SCR outputs.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1966B Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1966B Datasheet HTML 1Page - IXYS Corporation CPC1966B Datasheet HTML 2Page - IXYS Corporation CPC1966B Datasheet HTML 3Page - IXYS Corporation CPC1966B Datasheet HTML 4Page - IXYS Corporation CPC1966B Datasheet HTML 5Page - IXYS Corporation CPC1966B Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1966B-R02
1
CPC1966B
AC Power Switch
RoHS
2002/95/EC
e3
Pb
Part #
Description
CPC1966B
8-Pin Power SOIC (25/Tube)
Parameter
Rating
Units
AC Operating Voltage
20 - 240
V
rms
Load Current
3
A
rms
On-State Voltage Drop
0.8
V
rms (at IL = 3Arms)
Blocking Voltage
800
V
P
Applications
Features
Description
Ordering Information
Pin Configuration
Programmable Control
Process Control
Power Control Panels
Remote Switching
Gas Pump Electronics
Contactors
Large Relays
Solenoids
Motors
Heaters
Load Current up to 3A
rms
800V
P Blocking Voltage
5mA Sensitivity
5000V
rms Input to Output Isolation
Off-State dV/dt: 1000V/
s Minimum
12.5mm External Creepage Distance with
Appropriate Layout
Zero-Cross Switching
DC Control, AC Output
Optically Isolated
TTL and CMOS Compatible
Low EMI and RFI Generation
High Noise Immunity
CPC1966B is an AC Solid State Switch utilizing
dual power SCR outputs. This device also includes
zero-cross turn-on circuitry and is specified with a
blocking voltage of 800V
P .
In addition, the tightly controlled zero-cross circuitry
ensures low noise switching of AC loads by
minimizing the generation of transients. The optically
coupled input and output circuits provide 5000V
rms of
isolation and noise immunity between the control and
load circuits. As a result, the CPC1966B is well suited
for industrial environments where electromagnetic
interference would disrupt the operation of plant facility
communication and control systems.
Approvals
• UL 508: Pending
• CSA Industrial Control Switches Approval: Pending
– LED
+ LED
AC Load
AC Load
ZC
N/C
N/C
12
3
4
87
6
5


Similar Part No. - CPC1966B

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CPC1966B LITTELFUSE-CPC1966B Datasheet
145Kb / 6P
AC Power Switch
11/18/2025
logo
IXYS Corporation
CPC1966BX8 IXYS-CPC1966BX8 Datasheet
115Kb / 5P
800V, 3A, Rapid Turn-On AC Power Switch
More results

Similar Description - CPC1966B

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCS PICKER-PCS Datasheet
190Kb / 2P
Double SCR Solid State Relay
logo
Littelfuse
QXX10L4 LITTELFUSE-QXX10L4 Datasheet
967Kb / 9P
10 Amp bi-directional solid state switch series is designed for AC switching
logo
Clare, Inc.
CPC1961 CLARE-CPC1961_11 Datasheet
127Kb / 7P
Dual AC Solid State Relays
logo
STMicroelectronics
AN1736 STMICROELECTRONICS-AN1736 Datasheet
717Kb / 20P
This is an off-line wide range VIPer22A dual outputs power supply
31-Jul-2006
logo
Sirectifier Semiconduct...
SSAC90GKXX SIRECTIFIER-SSAC90GKXX Datasheet
224Kb / 4P
Solid State AC Switch
SSAC116GKXX SIRECTIFIER-SSAC116GKXX Datasheet
223Kb / 4P
Solid State AC Switch
SSAC100GKXX SIRECTIFIER-SSAC100GKXX Datasheet
216Kb / 4P
Solid State AC Switch
SSAC70GKXX SIRECTIFIER-SSAC70GKXX Datasheet
151Kb / 4P
Solid State AC Switch
S3SSAC70G16TB SIRECTIFIER-S3SSAC70G16TB Datasheet
129Kb / 4P
Three Phase Solid State AC Switch Modules
S3SSAC70G16B SIRECTIFIER-S3SSAC70G16B Datasheet
127Kb / 4P
Three Phase Solid State AC Switch Modules
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com