Electronic Components Datasheet Search
  English  ▼

X  

AD8026 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8026
Description  Quad High Speed Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8026 Datasheet(HTML) 1 Page - Analog Devices

  AD8026 Datasheet HTML 1Page - Analog Devices AD8026 Datasheet HTML 2Page - Analog Devices AD8026 Datasheet HTML 3Page - Analog Devices AD8026 Datasheet HTML 4Page - Analog Devices AD8026 Datasheet HTML 5Page - Analog Devices AD8026 Datasheet HTML 6Page - Analog Devices AD8026 Datasheet HTML 7Page - Analog Devices AD8026 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD8026
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
Quad High Speed
Amplifier
FUNCTIONAL BLOCK DIAGRAM
RF
RG
RG
RF
VEE
VCC
AD8026
RF
RP
RP
OUT A
–IN A
+IN A
+IN B
–IN B
OUT B
OUT D
–IN D
+IN D
+IN C
–IN C
OUT C
RF
RG
RP
RP
RG
PRODUCT DESCRIPTION
The AD8026 is a complete low cost, closed loop, voltage feed-
back, quad amplifier. Precision trimmed resistors set a fixed RF/
RG ratio of 5/3 to a typical gain accuracy of 0.02%. Manufac-
tured on ADI’s proprietary XFCB high speed bipolar process,
which enables the output drivers to settle to within 0.1% within
55 ns into a 100 pF load (4 V swing) and drive output voltages
to rated settling time to within 0.5 V from the rail. The typical
3 dB bandwidth is 60 MHz, at G = +2.67. The AD8026 is
laser trimmed to produce both exceptional offset and gain
performance.
The low settling time, high slew rate, low offset and rail-to-rail
output voltage drive capability makes the AD8026 ideal for
driving LCD displays.
The AD8026 is available in a 14-lead SOIC package.
FEATURES
Voltage Feedback, Rail-to-Rail Output
Rated Settling Time to Within 0.5 V of Supply Rail
Quad High Speed Amplifier
Settling Time to 0.1% of 55 ns (4 V Swing, CL = 100 pF)
Slew Rate 135 V/ s (4 V Swing)
–3 dB Bandwidth 60 MHz
Fixed Gain Resistors for High DC Accuracy
Low Voltage Offset 0.5 mV RTO Typical
Gain Error Less than 0.05%
Low Supply Current 3.4 mA
Nominal +12 V Supply
14-Lead SOIC Package
APPLICATIONS
LCD Source Drivers
CD DVD
CDR
1V/DIV
1V/DIV
50ns/DIV
INPUT
OUTPUT
VOUT = 4V
VIN = 1.5V
RL = 10k
Figure 1. 4 V Step Response


Similar Part No. - AD8026

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8026 AD-AD8026_15 Datasheet
221Kb / 8P
Quad High Speed Amplifier
REV. 0
More results

Similar Description - AD8026

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP467 AD-OP467 Datasheet
242Kb / 16P
Quad Precision, High Speed Operational Amplifier
REV.C
logo
Burr-Brown (TI)
OPA404 BURR-BROWN-OPA404 Datasheet
228Kb / 11P
Quad High-Speed Precision Difet OPERATIONAL AMPLIFIER
logo
Zarlink Semiconductor I...
ZL40122 ZARLINK-ZL40122 Datasheet
255Kb / 16P
High Speed, Current Feedback Quad Operational Amplifier
logo
Elantec Semiconductor
EL2423 ELANTEC-EL2423 Datasheet
696Kb / 9P
Quad De-Compensated High Speed Operational Amplifier
logo
Analog Devices
OP467 AD-OP467_07 Datasheet
613Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev. F
logo
New Japan Radio
NJM2744 NJRC-NJM2744 Datasheet
516Kb / 9P
High Speed Single Supply Quad Operational Amplifier
logo
Analog Devices
AD8026 AD-AD8026_15 Datasheet
221Kb / 8P
Quad High Speed Amplifier
REV. 0
OP467 AD-OP467_15 Datasheet
488Kb / 20P
Quad Precision, High Speed Operational Amplifier
Rev.
logo
Texas Instruments
OPA404 TI1-OPA404_15 Datasheet
761Kb / 16P
Quad High-Speed Precision OPERATIONAL AMPLIFIER
logo
Analog Devices
OP471 AD-OP471_17 Datasheet
334Kb / 17P
High Speed, Low Noise Quad Operational Amplifier
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com