Electronic Components Datasheet Search
  English  ▼

X  

AO4922 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AO4922
Description  Asymmetric Dual N-Channel MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AO4922 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AO4922_11 Datasheet HTML 1Page - Alpha & Omega Semiconductors AO4922_11 Datasheet HTML 2Page - Alpha & Omega Semiconductors AO4922_11 Datasheet HTML 3Page - Alpha & Omega Semiconductors AO4922_11 Datasheet HTML 4Page - Alpha & Omega Semiconductors AO4922_11 Datasheet HTML 5Page - Alpha & Omega Semiconductors AO4922_11 Datasheet HTML 6Page - Alpha & Omega Semiconductors AO4922_11 Datasheet HTML 7Page - Alpha & Omega Semiconductors AO4922_11 Datasheet HTML 8Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AO4922
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=24V, VGS=0V
0.01
0.1
TJ=125°C
6
20
IGSS
0.1
µA
VGS(th)
Gate Threshold Voltage
1.5
1.8
2.4
V
ID(ON)
40
A
13
15.8
TJ=125°C
20.2
25.2
15
18.5
m
Ω
gFS
78
S
VSD
0.38
0.5
V
IS
4
A
Ciss
1980
2574
pF
Coss
317
pF
Crss
111
pF
Rg
1.3
2.0
Ω
Qg(10V)
33.0
43
Qg(4.5V)
15.0
nC
Qgs
5.3
nC
Qgd
6.0
nC
tD(on)
5.5
ns
tr
5.5
ns
tD(off)
27.0
ns
tf
4.3
ns
trr
11
13
ns
Qrr
7
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Time
Body Diode Reverse Recovery Charge IF=9A, dI/dt=300A/µs
Drain-Source Breakdown Voltage
On state drain current
ID=250uA, VGS=0V
VGS=4.5V, VDS=5V
VGS=10V, ID=9A
Reverse Transfer Capacitance
IF=9A, dI/dt=300A/µs
VDS=VGS ID=250µA
FET1 Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
Zero Gate Voltage Drain Current
mA
VDS=0V, VGS= ±12V
Gate-Body leakage current
RDS(ON)
Static Drain-Source On-Resistance
Forward Transconductance
Diode Forward Voltage
Maximum Body-Diode + Schottky Continuous Current
Input Capacitance
Output Capacitance
DYNAMIC PARAMETERS
m
Ω
VGS=4.5V, ID=7A
IS=1A,VGS=0V
VDS=5V, ID=9A
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=1.7Ω,
RGEN=3Ω
Turn-Off Fall Time
Turn-On DelayTime
Total Gate Charge
VGS=10V, VDS=15V, ID=9A
Gate Drain Charge
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
Total Gate Charge
Gate Source Charge
Gate resistance
VGS=0V, VDS=0V, f=1MHz
A: The value of RθJA is measured with the device in a still air environment with T A =25°C. The power dissipation P DSM and current rating IDSM
are
based on TJ(MAX)=150°C, using t ≤ 10s junction-to-ambient thermal resistance.
B: Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C.
C. The R θJA is the sum of the thermal impedence from junction to lead R θJL and lead to ambient.
D. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
E. These tests are performed with the device mounted on 1 in 2 FR-4 board with 2oz. Copper, in a still air environment with T A=25°C. The SOA
curve provides a single pulse rating.
Rev1: May 2011
Alpha & Omega Semiconductor, Ltd.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com