Electronic Components Datasheet Search
  English  ▼

X  

AD8031 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8031
Description  2.7 V, 800 uA, 80 MHz Rail-to-Rail I/O Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8031 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8031 Datasheet HTML 4Page - Analog Devices AD8031 Datasheet HTML 5Page - Analog Devices AD8031 Datasheet HTML 6Page - Analog Devices AD8031 Datasheet HTML 7Page - Analog Devices AD8031 Datasheet HTML 8Page - Analog Devices AD8031 Datasheet HTML 9Page - Analog Devices AD8031 Datasheet HTML 10Page - Analog Devices AD8031 Datasheet HTML 11Page - Analog Devices AD8031 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD8031/AD8032–Typical Performance Characteristics
–8–
REV. B
RLOAD – Ohms
110
105
60
0
10k
2k
4k
6k
8k
90
75
70
65
100
95
80
85
VS = +5V
–AOL
+AOL
Figure 15. Open-Loop Gain (AOL) vs. RLOAD
TEMPERATURE – C
86
84
76
–40
90
–30 –20 –10
0
10
20
30
40
50
60
70
80
82
80
78
VS = +5V
RL = 1k
–AOL
+AOL
Figure 16. Open-Loop Gain (AOL) vs. Temperature
VOUT – V
110
80
50
05
0.5
1
1.5
2
2.5
3
3.5
4
4.5
100
90
70
60
VS = +5V
RLOAD = 10k
RLOAD = 1k
Figure 17. Open-Loop Gain (AOL) vs. VOUT
10
0%
100
90
1V
500mV
VS = +5V
500mV
10
0
–10
–1.5
0.5
2.5
4.5
6.5
INPUT VOLTAGE – Volts
Figure 18. Differential Input Overvoltage I-V
Characteristics
0.05
–0.15
–0.05
–0.10
0.00
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
11th
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
0.10
–0.10
0.00
–0.05
0.05
Figure 19. Differential Gain and Phase @ VS = ±5 V;
RL = 1 k
FREQUENCY – Hz
100
30
0.3
10
10M
100
1k
10k
100k
1M
10
3
1
VS = +5V
VOLTAGE NOISE
CURRENT NOISE
100
10
1
0.1
Figure 20. Input Voltage Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com